Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F675 Datasheet (PDF) - Microchip Technology

PIC12F675 Datasheet PDF - Microchip Technology
Part # PIC12F675
Download  PIC12F675 Download
File Size   1557.78 Kbytes
Page   136 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC12F675 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12F675 Datasheet PDF - Microchip Technology

Part # PIC12F675
Download  PIC12F675 Click to download

File Size   1557.78 Kbytes
Page   136 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC12F675 Datasheet (HTML) - Microchip Technology


PIC12F675 Product details

High Performance RISC CPU:

• Only 35 instructions to learn

- All single cycle instructions except branches

• Operating speed:

- DC - 20 MHz oscillator/clock input

- DC - 200 ns instruction cycle

• Interrupt capability

• 8-level deep hardware stack

• Direct, Indirect, and Relative Addressing modes



Special Microcontroller Features:

• Internal and external oscillator options

- Precision Internal 4 MHz oscillator factory calibrated to ±1%

- External Oscillator support for crystals and resonators

- 5 µs wake-up from SLEEP, 3.0V, typical

• Power saving SLEEP mode

• Wide operating voltage range - 2.0V to 5.5V

• Industrial and Extended temperature range

• Low power Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Detect (BOD)

• Watchdog Timer (WDT) with independent oscillator for reliable operation

• Multiplexed MCLR/Input-pin

• Interrupt-on-pin change

• Individual programmable weak pull-ups

• Programmable code protection

• High Endurance FLASH/EEPROM Cell

- 100,000 write FLASH endurance

- 1,000,000 write EEPROM endurance

- FLASH/Data EEPROM Retention: > 40 years



Low Power Features:

• Standby Current:

- 1 nA @ 2.0V, typical

• Operating Current:

- 8.5 µA @ 32 kHz, 2.0V, typical

- 100 µA @ 1 MHz, 2.0V, typical

• Watchdog Timer Current

- 300 nA @ 2.0V, typical

• Timer1 oscillator current:

- 4 µA @ 32 kHz, 2.0V, typical




Similar Part No. - PIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F675 MICROCHIP-PIC12F675 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675 MICROCHIP-PIC12F675 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
logo
Skyworks Solutions Inc.
PIC12F675 SKYWORKS-PIC12F675 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
logo
Microchip Technology
PIC12F675 MICROCHIP-PIC12F675 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
logo
SYC Electronica
PIC12F675 SYC-PIC12F675 Datasheet
2Mb / 128P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
More results


Similar Description - PIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com