Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707 Datasheet (PDF) - Microchip Technology

PIC16F707 Datasheet PDF - Microchip Technology
Part # PIC16F707
Download  PIC16F707 Download
File Size   3135.03 Kbytes
Page   284 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology

PIC16F707 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F707 Datasheet PDF - Microchip Technology

Part # PIC16F707
Download  PIC16F707 Click to download

File Size   3135.03 Kbytes
Page   284 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology

PIC16F707 Datasheet (HTML) - Microchip Technology


PIC16F707 Product details

DEVICE OVERVIEW

The PIC16F707/PIC16LF707 devices are covered by this data sheet. They are available in 40/44-pin packages. Figure 1-1 shows a block diagram of the PIC16F707/PIC16LF707 devices. Table 1-1 shows the pinout descriptions.



High-Performance RISC CPU:

• Only 35 Single-Word Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz clock input

   - DC – 200 ns instruction cycle

• 8K x 14 Words of Flash Program Memory

• 363 Bytes of Data Memory (SRAM)

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes

• Processor Read Access to Program Memory

• Pinout Compatible to other 40-pin PIC16CXXX and PIC16FXXX Microcontrollers



Special Microcontroller Features:

• Precision Internal Oscillator:

   - 16 MHz or 500 kHz operation

   - Factory calibrated to ±1%, typical

   - Software selectable ÷1, ÷2, ÷4 or ÷8 divider

• 31 kHz Low-Power Internal Oscillator

• External Oscillator Block with:

   - 3 crystal/resonator modes up to 20 MHz

   - 3 external clock modes up to 20 MHz

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Oscillator Start-Up Timer (OST)

• Brown-out Reset (BOR):

   - Selectable between two trip points

   - Disabled in Sleep option

• Watchdog Timer (WDT)

• Programmable Code Protection

• In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via Two Pins

• Multiplexed Master Clear with Pull-up/Input Pin

• Industrial and Extended Temperature Range

• High-Endurance Flash Cell:

   - 1,000 Write Flash Endurance (typical)

   - Flash Retention: >40 years

   - Power-Saving Sleep mode

• Operating Voltage Range:

   - 1.8V to 3.6V (PIC16LF707)

• 1.8V to 5.5V (PIC16F707)



Extreme Low-Power Management PIC16LF707 with nanoWatt XLP:

• Sleep mode: 20 nA @ 1.8V, typical

• Watchdog Timer: 500 nA @ 1.8V, typical

• Timer1 Oscillator: 600 nA @ 1.8V, typical @ 32 kHz



mTouch™ Technology Features:

• Up to 32 Channels

• Two Capacitive Sensing modules:

   - Acquire 2 samples simultaneously

• Multiple Power modes:

   - Operation during Sleep

   - Proximity sensing with ultra low µA current

• Adjustable Waveform Min. and Max. for Optimal Noise Performance

• 1.8V to 5.5V Operation (3.6V max. for PIC16LF707)



Analog Features:

• A/D Converter:

   - 8-bit resolution and up to 14 channels

   - Conversion available during Sleep

   - Selectable 1.024V/2.048V/4.096V voltage reference

• On-chip 3.2V Regulator (PIC16F707 device only)



Peripheral Highlights:

• Up to 35 I/O Pins and 1 Input-only Pin:

   - High current source/sink for direct LED drive

   - Interrupt-on-pin change

   - Individually programmable weak pull-ups

• Timer0/A/B: 8-Bit Timer/Counter with 8-Bit Prescaler

• Enhanced Timer1/3:

   - Dedicated low-power 32 kHz oscillator driver

   - 16-bit timer/counter with prescaler

   - External Gate Input mode with toggle and single shot modes

   - Interrupt-on-gate completion

• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Two Capture, Compare, PWM modules (CCP):

   - 16-bit Capture, max. resolution 12.5 ns

   - 16-bit Compare, max. resolution 200 ns

   - 10-bit PWM, max. frequency 20 kHz

• Addressable Universal Synchronous

   Asynchronous Receiver Transmitter (AUSART)



 




Similar Part No. - PIC16F707

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F707 MICROCHIP-PIC16F707 Datasheet
4Mb / 254P
20-Pin Flash Microcontrollers
11/29/12 2010-2013
More results


Similar Description - PIC16F707

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F66K80 MICROCHIP-PIC18F66K80 Datasheet
5Mb / 628P
28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC18F66K80 MICROCHIP-PIC18F66K80_13 Datasheet
5Mb / 622P
28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com