Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK100F06K3 Datasheet (PDF) - Toshiba Semiconductor

TK100F06K3 Datasheet PDF - Toshiba Semiconductor
Part # TK100F06K3
Download  TK100F06K3 Download
File Size   223.77 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Swiching Regulator,DC-DC Converter Applications Motor Drine Applications

TK100F06K3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK100F06K3 Datasheet PDF - Toshiba Semiconductor

Part # TK100F06K3
Download  TK100F06K3 Click to download

File Size   223.77 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Swiching Regulator,DC-DC Converter Applications Motor Drine Applications

TK100F06K3 Datasheet (HTML) - Toshiba Semiconductor


TK100F06K3 Product details

Swiching Regulator, DC-DC Converter Applications

Motor Drive Applications



• Low drain-source ON resistance: RDS (ON) = 4.0mΩ (typ.)

• High forward transfer admittance: |Yfs| = 174 S (typ.)

• Low leakage current: IDSS = 10 μA (max) (VDS = 60 V)

• Enhancement-model: Vth = 3.0 to 4.0 V (VDS = 10 V, ID = 1 mA)



 




Similar Part No. - TK100F06K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK100F06K3 TOSHIBA-TK100F06K3 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TK100F06K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK100F04K3 TOSHIBA-TK100F04K3 Datasheet
218Kb / 7P
Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
TK130F06K3 TOSHIBA-TK130F06K3 Datasheet
218Kb / 7P
Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TK40F08K3 TOSHIBA-TK40F08K3 Datasheet
221Kb / 7P
Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com