Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1759 Datasheet (PDF) - NXP Semiconductors

LPC1759 Datasheet PDF - NXP Semiconductors
Part # LPC1759
Download  LPC1759 Download
File Size   144.34 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC

LPC1759 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1759 Datasheet PDF - NXP Semiconductors

Part # LPC1759
Download  LPC1759 Click to download

File Size   144.34 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC

LPC1759 Datasheet (HTML) - NXP Semiconductors


LPC1759 Product details

120 MHz, 32-bit Microcontrollers with Cortex-M3™ core, LPC1700 series

The LPC1700 series of low power cost-effective Cortex-M3 microcontrollers feature best in-class peripheral support such as Ethernet, USB 2.0 Host/OTG/Device, and CAN 2.0B. Operating at speeds up to 120 MHz, they have up to 512 KB of FLASH, up to 64 KB of SRAM, 12-bit A/D and 10-bit D/A converters as well as an internal RC oscillator.

Key Features
► ARM Cortex-M3 core
   - Up to 120 MHz operation
   - Nested Vectored Interrupt Controller for fast deterministic interrupts
   - Wakeup Interrupt Controller allows automatic wake from any priority interrupt
   - Memory Protection Unit
   - Four reduced power modes: Sleep, Deep-sleep, Power-down and Deep power-down
► Memories
   - Up to 512 KB Flash memory
   - Up to 64 KB SRAM
► Serial Peripherals
   - 10/100 Ethernet MAC
   - USB 2.0 full-speed device/Host/ OTG controller with on-chip PHY
   - Four UARTs with fractional baud rate generation, RS-485. modem control I/O, and IrDA
   - Two CAN 2.0B controllers
   - Three SSP/SPI controllers
   - Three I2C-bus interfaces with one supporting fast mode plus (1 Mbit/s data rates)
   - I2S interface for digital audio
► Analog Peripherals
   - 12-bit Analog-to-Digital Converter with eight channels
   - 10-bit Digital-to-Analog Converter
► Other Peripherals
   - Real-Time Clock operating at < 1 uA
   - Eight channel General Purpose DMA controller
   - Up to 70 General Purpose I/O
   - Motor control PWM and Quadrature Encoder Interface to support three-phase motors
   - Four 32-bit general purpose timers/counters
   - 4 MHz internal RC oscillator trimmed to 1 % accuracy




Similar Part No. - LPC1759

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 NXP-LPC1759 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1759 NXP-LPC1759 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1759FBD80 NXP-LPC1759FBD80 Datasheet
957Kb / 64P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759FBD80 NXP-LPC1759FBD80 Datasheet
4Mb / 835P
LPC17xx User manual
Rev. 01-4 January 2010
More results


Similar Description - LPC1759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
REV: 010705
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
logo
NXP Semiconductors
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Microchip Technology
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com