Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR514R Datasheet (PDF) - Rohm

2SCR514R Datasheet PDF - Rohm
Part # 2SCR514R
Download  2SCR514R Download
File Size   347.42 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (80V / 0.7A)

2SCR514R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR514R Datasheet PDF - Rohm

Part # 2SCR514R
Download  2SCR514R Click to download

File Size   347.42 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (80V / 0.7A)

2SCR514R Datasheet (HTML) - Rohm




Similar Part No. - 2SCR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
More results


Similar Description - 2SCR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR514P ROHM-2SAR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-80V / -0.7A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (80V / 700mA)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
Midium Power Transistors (80V / 2.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
Midium Power Transistors (80V / 1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
Midium Power Transistors (-80V / -0.7A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
Midium Power Transistors (80V / 1.5A)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
Midium Power Transistors (80V / 2.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com