Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2573D Datasheet (PDF) - International Rectifier

IRS2573D Datasheet PDF - International Rectifier
Part # IRS2573D
Download  IRS2573D Download
File Size   496.92 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HID BALLAST CONTROL IC

IRS2573D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2573D Datasheet PDF - International Rectifier

Part # IRS2573D
Download  IRS2573D Click to download

File Size   496.92 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HID BALLAST CONTROL IC

IRS2573D Datasheet (HTML) - International Rectifier


IRS2573D Product details

Features
• Buck, full-bridge and lamp control in one IC
• Continuous/critical-conduction mode buck control
• 600V high and low-side full-bridge driver
• 600V high-side buck Driver
• Low-side ignition FET gate driver
• Integrated bootstrap FETs for full-bridge high-side drivers
• Constant lamp power control
• Programmable buck cycle-by-cycle over-current protection
• Programmable buck output voltage limitation
• Programmable lamp current limitation
• Programmable full-bridge frequency
• Fault latch reset input
• Programmable ignition counter (21sec/64sec typical)
• Programmable lamp under-voltage fault counter (197sec typical) for short-circuit or lamp does not warm-up
• Fast transient lamp under-voltage event counter (16384 typical) for arc instability or end-of-life
• Programmable lamp over-voltage fault counter (787sec typical) for open-circuit or lamp extinguishes
• Programmable good fault reset counter (2730sec typical)
• Micro-controller compatible timing thresholds
• Internal 15.6V zener clamp diode on VCC
• Micropower startup (150µA)
• Latch immunity and ESD protection on all pins




Similar Part No. - IRS2573D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
1Mb / 30P
HID Ballast for 70W Lamp Using the IRS2573D
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
IRS2573D IRF-IRS2573D Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
More results


Similar Description - IRS2573D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com