Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2166 Datasheet (PDF) - Micrel Semiconductor

MIC2166 Datasheet PDF - Micrel Semiconductor
Part # MIC2166
Download  MIC2166 Download
File Size   622.8 Kbytes
Page   26 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Adaptive On-Time DC-DC Controller

MIC2166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2166 Datasheet PDF - Micrel Semiconductor

Part # MIC2166
Download  MIC2166 Click to download

File Size   622.8 Kbytes
Page   26 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Adaptive On-Time DC-DC Controller

MIC2166 Datasheet (HTML) - Micrel Semiconductor


MIC2166 Product details

General Description
The Micrel MIC2166 is a synchronous adaptive on-time buck controller targeting high-performance, cost-sensitive applications such as set-top boxes, gateways, routers, computing peripherals, and telecom/networking equipment.

Features
• Hyper Speed Control™ architecture enables
    - High delta V operation (VIN=28V and VOUT=0.8V)
    - Small output capacitance
• Built-in 5V regulator for single-supply operation
• Any CapacitorTM stable
    - Zero ESR to high ESR
• Power-Good (PGOOD) output
• Input voltage range: 4.5V to 28V
• 5μA typical shutdown current
• 25A output current drive capability
• Adjustable output from 0.8V to 5.5V with ±1% FB accuracy
• 600kHz switching frequency
• Internal 5ms digital soft-start
• Thermal-shutdown and hiccup current-limit protection
• No external current-sense resistor required
• Safe start-up into pre-biased loads
• 10-pin MSOP ePad package
• –40°C to +125°C junction temperature range

Applications
• Set-top box, gateways, routers and DSL modems
• Printers, scanners, graphic and video cards
• Servers, PCs and processor core supply
• Low-Voltage Distributed Power




Similar Part No. - MIC2166

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2166 MICREL-MIC2166 Datasheet
731Kb / 28P
Adaptive On-Time DC-DC Controller Hyper Speed Control??Family
MIC2166YMME MICREL-MIC2166YMME Datasheet
731Kb / 28P
Adaptive On-Time DC-DC Controller Hyper Speed Control??Family
MIC2166_1009 MICREL-MIC2166_1009 Datasheet
731Kb / 28P
Adaptive On-Time DC-DC Controller Hyper Speed Control??Family
More results


Similar Description - MIC2166

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
logo
Micrel Semiconductor
MIC2165 MICREL-MIC2165 Datasheet
697Kb / 27P
Adaptive On-Time DC-DC Controller Featuring Hyper Light Load
logo
National Semiconductor ...
LM3434 NSC-LM3434_1 Datasheet
1Mb / 8P
Evaluation Board adaptive constant on-time DC/DC buck
logo
Micrel Semiconductor
MIC2166_1009 MICREL-MIC2166_1009 Datasheet
731Kb / 28P
Adaptive On-Time DC-DC Controller Hyper Speed Control??Family
MIC2165_1011 MICREL-MIC2165_1011 Datasheet
707Kb / 28P
Adaptive On-Time DC-DC Controller Featuring HyperLight Load짰
logo
Intersil Corporation
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
Adaptive On-Time architecture
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com