Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFA6 Datasheet (PDF) - Power-One

DFA6 Datasheet PDF - Power-One
Part # DFA6
Download  DFA6 Download
File Size   807.89 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description SINGLE OUTPUT

DFA6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFA6 Datasheet PDF - Power-One

Part # DFA6
Download  DFA6 Click to download

File Size   807.89 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description SINGLE OUTPUT

DFA6 Datasheet (HTML) - Power-One


DFA6 Product details

DESCRIPTION
The DFA6 Series provides quick power conversion solutions to analog and digital systems. Requires few external components. The converters provide plug-and-play versatility. The series features an input range of 3:1. The output is electrically isolated, thereby allowing the output to be configured for positive or negative output voltage. The DFA6 provides compact system power in less than 2.3 square inches (14.8 cm2).
The DFA6 Series’ ultra-wide input and no load input current (7mA) makes it well suited for battery operation in commercial and industrial applications. Full overload protection is provided by pulse-by-pulse current limiting

FEATURES
• Up to 6 Watts Output Power
• Overcurrent Protection
• Efficiency to 83%
• Low Input to Output Capacitance
• 700V Isolation, Input to Output
• Ultra-Wide Input Range (3:1)




Similar Part No. - DFA6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFA005S VISHAY-DFA005S Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
DFA01S VISHAY-DFA01S Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA01S VISHAY-DFA01S Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
DFA02S VISHAY-DFA02S Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA02S VISHAY-DFA02S Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
More results


Similar Description - DFA6

ManufacturerPart #DatasheetDescription
logo
Power-One
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
SINGLE OUTPUT
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
SINGLE OUTPUT
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
Single output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
Single Output
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
Single Output
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com