Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRD512 Datasheet (PDF) - Power-One

DRD512 Datasheet PDF - Power-One
Part # DRD512
Download  DRD512 Download
File Size   46.34 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 2 WATT

DRD512 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRD512 Datasheet PDF - Power-One

Part # DRD512
Download  DRD512 Click to download

File Size   46.34 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 2 WATT

DRD512 Datasheet (HTML) - Power-One


DRD512 Product details

DESCRIPTION
DRD dual output DC/DC converters offer excellent regulation and isolation in an industry standard package. Available in several input versions, the DRD is perfect for industrial, datacom, or telecom applications. The DRD features short circuit protection and 500 VDC isolation. Please see the DRS series for single output applications.

FEATURES
• Industry Standard Package
• Industry Standard Pinout
• 85°C Case Operation
• Short Circuit Protection
• 5V, 12V, 24V, 28V, and 48V Inputs
• Input Pi Filter
• 6-Sided Shielding
• Regulated Outputs
• 500V Isolation




Similar Part No. - DRD512

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD5150H54 DYNEX-DRD5150H54 Datasheet
260Kb / 6P
Rectifier Diode
DRD5150H58 DYNEX-DRD5150H58 Datasheet
260Kb / 6P
Rectifier Diode
DRD5150H62 DYNEX-DRD5150H62 Datasheet
260Kb / 6P
Rectifier Diode
DRD5150H65 DYNEX-DRD5150H65 Datasheet
260Kb / 6P
Rectifier Diode
DRD5150H65 DYNEX-DRD5150H65_15 Datasheet
260Kb / 6P
Rectifier Diode
More results


Similar Description - DRD512

ManufacturerPart #DatasheetDescription
logo
Power-One
BRD505 POWER-ONE-BRD505 Datasheet
44Kb / 2P
DUAL OUTPUT, 2 WATT
logo
Recom International Pow...
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
2 Watt DIP14 Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
2 Watt SIP7 Isolated Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
2 Watt SIP7 Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com