Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRS505 Datasheet (PDF) - Power-One

DRS505 Datasheet PDF - Power-One
Part # DRS505
Download  DRS505 Download
File Size   1049.56 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1.25 WATT

DRS505 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRS505 Datasheet PDF - Power-One

Part # DRS505
Download  DRS505 Click to download

File Size   1049.56 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1.25 WATT

DRS505 Datasheet (HTML) - Power-One


DRS505 Product details

DESCRIPTION

DRS DC/DC converters offer excellent regulation and isolation in an industry standard package. Available in several input versions, the DRS is ideal for industrial, datacom, or telecom applications. The DRS features short circuit protection and 500 VDC isolation. Please see the DRD series for dual output applications.



FEATURES

• Industry Standard Package

• Industry Standard Pinout

• 85°C Case Operation

• Short Circuit Protection

• 5, 12, 24, 28, and 48V Inputs

• Input Pi Filter and 6-Sided Shielding

• Regulated Output

• 500V Isolation



 




Similar Part No. - DRS505

ManufacturerPart #DatasheetDescription
logo
Vaisala
DRS511 VAISALA-DRS511 Datasheet
187Kb / 2P
Embedded Road and Runway Sensor DRS511
More results


Similar Description - DRS505

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-3.33.3S RECOM-RN-3.33.3S Datasheet
95Kb / 3P
1.25 Watt DIP8 Sigle Output
logo
Microsemi Corporation
2N1870A MICROSEMI-2N1870A Datasheet
215Kb / 5P
SCRs 1.25 Amp, Planear
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
SHANGHAI BELLING CO., L...
BL6211 BELLING-BL6211 Datasheet
277Kb / 10P
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
logo
Recom International Pow...
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
1.25 Watt DIP8 Single Output
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Adam Technologies, Inc.
125CTE-B-R ADAM-TECH-125CTE-B-R Datasheet
64Kb / 1P
1.25 TERMINAL
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Shanghai Toplite Techno...
A-2012BUW-S TOPLITE-A-2012BUW-S Datasheet
424Kb / 7P
2.00*1.25 SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com