Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R1 Datasheet (PDF) - Rohm

SML-R1 Datasheet PDF - Rohm
Part # SML-R1
Download  SML-R1 Download
File Size   1126.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ultra compact,thin side-view type LED

SML-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-R1 Datasheet PDF - Rohm

Part # SML-R1
Download  SML-R1 Click to download

File Size   1126.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ultra compact,thin side-view type LED

SML-R1 Datasheet (HTML) - Rohm


SML-R1 Product details

SML-R1 Series

PICOLED™-side

16115(0604)
1.6×1.15mm(t=0.2mm)

Features
• Ultra compact, thin side-view type LED
• Ultra low height package t=0.2mm




Similar Part No. - SML-R1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-R12BTT86P ROHM-SML-R12BTT86P Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
SML-R12BTT87P ROHM-SML-R12BTT87P Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
SML-R12BWT86P ROHM-SML-R12BWT86P Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
SML-R12BWT87P ROHM-SML-R12BWT87P Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
SML-R12D8T ROHM-SML-R12D8T Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
More results


Similar Description - SML-R1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4110 SHARP-PT4110 Datasheet
52Kb / 4P
Side View and Thin Flat Type Phototransistors
GM4BW53340A SHARP-GM4BW53340A Datasheet
458Kb / 1P
0.5 mm Thick Thin Type 1.8 cd White Side View Chip LED
logo
Rohm
RPM973-H11 ROHM-RPM973-H11 Datasheet
129Kb / 3P
Ultra-compact, Ultra-thin Side View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
Side View LED Of Reflector Type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
Side View LED Of Reflector Type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
Side View LEd Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
Side View LED of Reflector type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
Side View LED of Reflector type
logo
Rohm
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com