Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT04-12PA Datasheet (PDF) - Amphenol Corporation

AT04-12PA Datasheet PDF - Amphenol Corporation
Part # AT04-12PA
Download  AT04-12PA Download
File Size   598.14 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Recpt, 12 Way, Enhanced A Key

AT04-12PA Datasheet (PDF)

Go To PDF Page Download Datasheet
AT04-12PA Datasheet PDF - Amphenol Corporation

Part # AT04-12PA
Download  AT04-12PA Click to download

File Size   598.14 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Recpt, 12 Way, Enhanced A Key

AT04-12PA Datasheet (HTML) - Amphenol Corporation




Similar Part No. - AT04-12PA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-12PA-EC01 AMPHENOL-AT04-12PA-EC01 Datasheet
596Kb / 1P
Recpt, 12 Way, Enhanced A Key and END CAP
logo
Amphenol Sine Systems C...
AT04-12PA-P026 ASS-AT04-12PA-P026 Datasheet
385Kb / 2P
AT 12WAY RECEPTACLE (2)6 PIN BUSBAR-NICKEL PLATED
11APR18
AT04-12PA-P030 ASS-AT04-12PA-P030 Datasheet
384Kb / 2P
AT 12WAY RECEPTACLE (4)3 PIN BUSBAR-NICKEL PLATED
11APR18
logo
Amphenol Corporation
AT04-12PA-PM11 AMPHENOL-AT04-12PA-PM11 Datasheet
650Kb / 3P
RECEPTACLE, 12 PIN, AT SERIES, W/FLANGE
A4
AT04-12PA-PM12 AMPHENOL-AT04-12PA-PM12 Datasheet
650Kb / 3P
RECEPTACLE, 12 PIN, AT SERIES, W/FLANGE
A4
More results


Similar Description - AT04-12PA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-4P AMPHENOL-AT04-4P Datasheet
562Kb / 1P
Recpt, 4 Way
AT04-08PA AMPHENOL-AT04-08PA Datasheet
637Kb / 1P
Recpt, 8 Way, Key A
AT04-08PA-EC01 AMPHENOL-AT04-08PA-EC01 Datasheet
633Kb / 1P
Recpt, 8 Way, Key A, End Cap
AT04-08PB AMPHENOL-AT04-08PB Datasheet
628Kb / 1P
Recpt, 8 Way, Key B
AT04-08PC AMPHENOL-AT04-08PC Datasheet
642Kb / 1P
Recpt, 8 Way, Key C
AT04-08PD AMPHENOL-AT04-08PD Datasheet
647Kb / 1P
Recpt, 8 Way, Key D
AT04-12PA-EC01 AMPHENOL-AT04-12PA-EC01 Datasheet
596Kb / 1P
Recpt, 12 Way, Enhanced A Key and END CAP
AT04-12PB AMPHENOL-AT04-12PB Datasheet
592Kb / 1P
Recpt, 12 Way, Enhanced B Key
AT04-12PC AMPHENOL-AT04-12PC Datasheet
650Kb / 1P
Recpt, 12 Way, Enhanced C Key
AT04-12PD AMPHENOL-AT04-12PD Datasheet
600Kb / 1P
Recpt, 12 Way, Enhanced D Key
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com