Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT06-2S Datasheet (PDF) - Amphenol Corporation

AT06-2S Datasheet PDF - Amphenol Corporation
Part # AT06-2S
Download  AT06-2S Download
File Size   143.82 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 2 Way

AT06-2S Datasheet (PDF)

Go To PDF Page Download Datasheet
AT06-2S Datasheet PDF - Amphenol Corporation

Part # AT06-2S
Download  AT06-2S Click to download

File Size   143.82 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 2 Way

AT06-2S Datasheet (HTML) - Amphenol Corporation




Similar Part No. - AT06-2S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-2S AMPHENOL-AT06-2S Datasheet
62Kb / 1P
HOUSING COLOR GREEN
AT06-2S AMPHENOL-AT06-2S Datasheet
246Kb / 2P
PLUG, 2 SOCKET, AT SERIES
A5
AT06-2S-BLK AMPHENOL-AT06-2S-BLK Datasheet
246Kb / 2P
PLUG, 2 SOCKET, AT SERIES
A5
AT06-2S-BLU AMPHENOL-AT06-2S-BLU Datasheet
246Kb / 2P
PLUG, 2 SOCKET, AT SERIES
A5
AT06-2S-BRN AMPHENOL-AT06-2S-BRN Datasheet
246Kb / 2P
PLUG, 2 SOCKET, AT SERIES
A5
More results


Similar Description - AT06-2S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-3S AMPHENOL-AT06-3S Datasheet
167Kb / 1P
Plug, 3 Way
AT06-4S AMPHENOL-AT06-4S Datasheet
138Kb / 1P
Plug, 4 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
Plug, 6 Way
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Rosenberger Hochfrequen...
99S73B-199N1 ROSENBERGER-99S73B-199N1 Datasheet
352Kb / 3P
EMI shielded 2-way cable plug
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com