Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6224 Datasheet (PDF) - Torex Semiconductor

XC6224 Datasheet PDF - Torex Semiconductor
Part # XC6224
Download  XC6224 Download
File Size   490.73 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 150mA High Speed LDO Voltage Regulator with ON/OFF Switch

XC6224 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6224 Datasheet PDF - Torex Semiconductor

Part # XC6224
Download  XC6224 Click to download

File Size   490.73 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 150mA High Speed LDO Voltage Regulator with ON/OFF Switch

XC6224 Datasheet (HTML) - Torex Semiconductor


XC6224 Product details

GENERAL DESCRIPTION
The XC6224 series is a high speed LDO regulator that features high accurate, low noise, high ripple rejection, low dropout and low power consumption. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, and a phase compensation circuit.

■ FEATURES
    Maximum Output Current : 150mA
    Operating Voltage Range : 1.2V~3.6V
    High Accuracy : ±1.5% (VOUT =1.25V~3.0V)
                            : ±20mV (VOUT = 0.8V~1.20V)
    Low Power Consumption : 33μ A (TYP.)
    Stand-by Current : 0.1μ A
    High Ripple Rejection : 70dB@1kHz
    Dropout Voltage : 210mV@150mA (VOUT=2.8V)
    Operating Temperature Range: -40℃~+85℃
    Protection Circuits : Current Limiter
                                    Short Circuit Protection
    ON/OFF Control : Active High
                                 CL Auto Discharge Function
    Output Capacitor : Low ESR Capacitor
    Packages : USPN-4B02
                       SSOT-24
                       SOT-25
    Environmentally Friendly : EU RoHS Compliant, Pb Free

■ APPLICATIONS
● Cell phones
● Digital still cameras
● Portable electronic devices
● Portable media players
● Bluetooth
● Wireless LAN
● Terrestrial digital TV tuners




Similar Part No. - XC6224

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220 TOREX-XC6220 Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
More results


Similar Description - XC6224

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Torex Semiconductor
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
300mA High Speed LDO Regulator with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com