Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMS6 Datasheet (PDF) - Power-One

IMS6 Datasheet PDF - Power-One
Part # IMS6
Download  IMS6 Download
File Size   1671.34 Kbytes
Page   13 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6 Watt SMD and through hole DC/DC converters

IMS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMS6 Datasheet PDF - Power-One

Part # IMS6
Download  IMS6 Click to download

File Size   1671.34 Kbytes
Page   13 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6 Watt SMD and through hole DC/DC converters

IMS6 Datasheet (HTML) - Power-One


IMS6 Product details

Summary The IMS 6 series of board mountable 6 W DC-DC converters has been designed according to the latest industry requirements and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, industry or telecommunications where variable input voltages or high transient voltages are prevalent.
Covering a total input voltage range from 18 V DC up to 75 V DC.

6 Watt SMD and through hole DC/DC converters

Input to output electric strength test up to 2 kV DC
Input voltage ranges:
18...36 and 36...75 V DC
Single and dual outputs of 5, 12, 15 V DC

• Wide input voltage ranges
• Electrical isolation, single and dual outputs
• Immunity to IEC/EN 61000-4-2, -3, -4, -5 and -6
• High efficiency (typ. 82%)
• Flex power: flexible load distribution
• No load and short-circuit proof
• High reliability and no derating
• Operating ambient temperature –40...+ 71°C
• Industrial, alternative and SMD pinout
• DIL 24 case with 9.0 mm profile
o




Similar Part No. - IMS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMS-2 VISHAY-IMS-2 Datasheet
75Kb / 3P
Inductors Commercial, Molded, Shielded, Miniature
18-Oct-04
IMS-2 VISHAY-IMS-2 Datasheet
71Kb / 3P
Inductors
13-Dec-07
IMS-2SWWD-3 VISHAY-IMS-2SWWD-3 Datasheet
75Kb / 4P
Inductors
10-Aug-06
IMS-2SWWD-30 VISHAY-IMS-2SWWD-30 Datasheet
75Kb / 4P
Inductors
10-Aug-06
IMS-2WWD-40 VISHAY-IMS-2WWD-40 Datasheet
70Kb / 3P
Inductors, Subminiature, Shielded
10-Aug-06
More results


Similar Description - IMS6

ManufacturerPart #DatasheetDescription
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
6 watt dc-dc converters
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com