Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX15 Datasheet (PDF) - Power-One

IMX15 Datasheet PDF - Power-One
Part # IMX15
Download  IMX15 Download
File Size   61.97 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 15 Watt DC-DC Converters

IMX15 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX15 Datasheet PDF - Power-One

Part # IMX15
Download  IMX15 Click to download

File Size   61.97 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 15 Watt DC-DC Converters

IMX15 Datasheet (HTML) - Power-One


IMX15 Product details

15 Watt DC-DC Converters

Wide input voltage ranges up to 150 V DC 1 or 2 outputs up to 48 V DC
1500...4000 V DC I/O electric strength test

• Reinforced isolation for IMY-models
• Magnetic feedback
• Synchronous rectifier for 2.5, 3.3 and 5 V outputs
• Short circuit protection




Similar Part No. - IMX15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
More results


Similar Description - IMX15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
15 Watt DC/DC Power Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com