Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282963-2 Datasheet (PDF) - Tyco Electronics

282963-2 Datasheet PDF - Tyco Electronics
Part # 282963-2
Download  282963-2 Download
File Size   44.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH

282963-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
282963-2 Datasheet PDF - Tyco Electronics

Part # 282963-2
Download  282963-2 Click to download

File Size   44.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH

282963-2 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 282963-2

ManufacturerPart #DatasheetDescription
logo
PROXXON. All rights res...
28296 PROXXON-28296 Datasheet
124Kb / 1P
life expectancy !
logo
Tyco Electronics
282961-2 MACOM-282961-2 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-3 MACOM-282961-3 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-4 MACOM-282961-4 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-5 MACOM-282961-5 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
More results


Similar Description - 282963-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546179 MACOM-C-1546179 Datasheet
49Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ?, OPEN ENDS, STACKING 5mm PITCH
C-1546518 MACOM-C-1546518 Datasheet
57Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS, STACKING 5.08mm PITCH
C-282817 MACOM-C-282817 Datasheet
40Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10mm PITCH
C-282819 MACOM-C-282819 Datasheet
42Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10.16mm PITCH
C-282961 MACOM-C-282961 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
C-282962 MACOM-C-282962 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 7.5mm PITCH
C-282965 MACOM-C-282965 Datasheet
44Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.62mm PITCH
C-1776152 MACOM-C-1776152 Datasheet
72Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, 7.62mm PITCH
C-1776158 MACOM-C-1776158 Datasheet
71Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, 10.00mm PITCH
C-1776159 MACOM-C-1776159 Datasheet
71Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, 10.16mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com