Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES006ZB Datasheet (PDF) - Power-One

LES006ZB Datasheet PDF - Power-One
Part # LES006ZB
Download  LES006ZB Download
File Size   181.88 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description LES SERIES - 15 WATT

LES006ZB Datasheet (PDF)

Go To PDF Page Download Datasheet
LES006ZB Datasheet PDF - Power-One

Part # LES006ZB
Download  LES006ZB Click to download

File Size   181.88 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description LES SERIES - 15 WATT

LES006ZB Datasheet (HTML) - Power-One


LES006ZB Product details

DESCRIPTION
LES DC/DC converters provide up to 15 Watts of output power in an industry standard package and footprint. With a maximum case temperature of 100°C, the LES is well suited for the most demanding telecom, networking, and industrial applications. The LES features 1500 VDC isolation, short circuit, and overtemperature protection, as well as six-sided shielding. The LES is available with optional enable and voltage trim pins. Please see the IAD Series for dual output applications.

FEATURES
• Industry Standard Package
• Industry Standard Pinout
• 85°C Case Operation
• Short Circuit Protection
• 24V and 48V Inputs
• Input Pi Filter and 6-Sided Shielding
• Regulated Outputs
• 1500V Isolation




Similar Part No. - LES006ZB

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LES06B48-12V0REJ EMERSON-NETWORKPOWER-LES06B48-12V0REJ Datasheet
699Kb / 4P
Industry standard eighth-brick foot print (identical to quarter-brick pinout)
logo
Artesyn Technologies
LES06B48-12V0REJ ARTESYN-LES06B48-12V0REJ Datasheet
727Kb / 4P
Embedded Power for Business-Critical Continuity
logo
YAGEO Corporation
LES08A05L05 YAGEO-LES08A05L05 Datasheet
468Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jun. 30, 2023 V.2
LES08CXXL04 YAGEO-LES08CXXL04 Datasheet
494Kb / 8P
Electrostatic Discharged Protection Devices (ESD)
Jun. 30, 2023 V.3
More results


Similar Description - LES006ZB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
15 WATT SERIES
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
15 WATT INTERCHANGEABLE PLUG SERIES
logo
SL Power Electronics
MW125 SLPOWER-MW125 Datasheet
132Kb / 2P
MEDICAL 15-40 WATT SERIES
MW160 SLPOWER-MW160 Datasheet
687Kb / 2P
MEDICAL 15-48 WATT SERIES
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
PW172KB SLPOWER-PW172KB Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
logo
Phihong USA Inc.
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
15 Watt Interchangeable Plug Series
logo
TRACO Electronic AG
TEL15N TRACOPOWER-TEL15N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
TEL15WIN TRACOPOWER-TEL15WIN Datasheet
1Mb / 4P
TEL 15WIN Series, 15 Watt
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com