Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-796640 Datasheet (PDF) - Tyco Electronics

C-796640 Datasheet PDF - Tyco Electronics
Part # C-796640
Download  C-796640 Download
File Size   243.24 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH

C-796640 Datasheet (PDF)

Go To PDF Page Download Datasheet
C-796640 Datasheet PDF - Tyco Electronics

Part # C-796640
Download  C-796640 Click to download

File Size   243.24 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH

C-796640 Datasheet (HTML) - Tyco Electronics




Similar Part No. - C-796640

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-796640 TEC-C-796640 Datasheet
332Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - C-796640

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-284506 MACOM-C-284506 Datasheet
199Kb / 1P
TERMINAL BLOCK PLUG STACKING 3.5mm PITCH
C-284507 MACOM-C-284507 Datasheet
51Kb / 1P
TERMINAL BLOCK PLUG STACKING 3.81mm PITCH
C-796634 MACOM-C-796634 Datasheet
612Kb / 2P
TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-796635 MACOM-C-796635 Datasheet
219Kb / 2P
TERMINAL BLOCK PLUG, STACKING, 5.08mm PITCH
C-1546223 MACOM-C-1546223 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG, VERTICAL, STACKING, LEFT HAND 5.00mm PITCH
C-284509 MACOM-C-284509 Datasheet
51Kb / 1P
TERMINAL BLOCK PLUG STACKING WITH INTERLOCK 3.81mm PITCH
C-796641 MACOM-C-796641 Datasheet
187Kb / 2P
TERMI-BLOCK PLUG STACKING 5.00mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-1546108 MACOM-C-1546108 Datasheet
210Kb / 2P
TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-1546208 MACOM-C-1546208 Datasheet
184Kb / 2P
TERMINAL BLOCK PLUG, STACKING, 5.00mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com