Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-TH Datasheet (PDF) - Omron Electronics LLC

K8AB-TH Datasheet PDF - Omron Electronics LLC
Part # K8AB-TH
Download  K8AB-TH Download
File Size   521.84 Kbytes
Page   7 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Temperature Monitoring Relay

K8AB-TH Datasheet (PDF)

Go To PDF Page Download Datasheet
K8AB-TH Datasheet PDF - Omron Electronics LLC

Part # K8AB-TH
Download  K8AB-TH Click to download

File Size   521.84 Kbytes
Page   7 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Temperature Monitoring Relay

K8AB-TH Datasheet (HTML) - Omron Electronics LLC


K8AB-TH Product details

Compact and Slim Relay Ideal for Temperature Alarms and Monitoring

• Excessive temperature increases can be prevented and abnormal temperatures can be monitored.
• Temperature monitoring in slim design with a width of just 22.5 mm.
• Simple function settings using DIP switch.
• Universal-input support for thermocouple or Pt100 sensor input.
• Selectable output relay: Non-fail safe/fail safe.
• Alarm status identification with LED indicator.

Features
• This Temperature Monitoring Relay was designed specially for monitoring abnormal temperatures to prevent excessive temperature increase and to protect equipment.
• A relay capacity of 3 A at 250 VAC (resistive load) is provided in a slim body only 22.5 mm wide. An output latch function is also supported.
• Settings can be made and functions can be selected using the DIP switch.
• Reduce the number of models by using universal-input support for thermocouple or Pt100 sensor input.

Selecting Functions and Modes
• The following settings are provided: alarm mode (upper limit/lower limit), enable/disable latch, °C/°F, relay output non-fail safe/fail safe, setting protection.

Terminal Wiring with Ferrules
• Wire with 2 × 2.5 mm2 solid wire or 2 × 1.5 mm2 wiring ferrules.

Third-party Certification of CE Mark Compliance, Certified UL Standard Compliance, and Certified TÜV and SUD Standard Compliance




Similar Part No. - K8AB-TH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-AS1 OMRON-K8AB-AS1 Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-AS2 OMRON-K8AB-AS2 Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-AS3 OMRON-K8AB-AS3 Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
More results


Similar Description - K8AB-TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTA01C024 ETC2-DTA01C024 Datasheet
56Kb / 3P
Monitoring Relays Motor temperature
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
logo
Beijing Yaohuadechang E...
JDJ YHDC-JDJ Datasheet
5Mb / 1P
Monitoring relay
JDL YHDC-JDL Datasheet
5Mb / 1P
Monitoring relay
JDS YHDC-JDS Datasheet
1Mb / 1P
Monitoring relay
JDY YHDC-JDY Datasheet
1Mb / 1P
Monitoring relay
JZS-34 YHDC-JZS-34 Datasheet
656Kb / 1P
Monitoring relay
logo
PHOENIX CONTACT
102759 PHOENIX-102759 Datasheet
287Kb / 6P
Safety Relay With Downtime Monitoring
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
Monitoring Relay Interface protection Relay
PIDIN0021HI4R2S1XX CARLOGAVAZZI-PIDIN0021HI4R2S1XX Datasheet
2Mb / 9P
Monitoring Relay Interface protection Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com