Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-VS Datasheet (PDF) - Omron Electronics LLC

K8AB-VS Datasheet PDF - Omron Electronics LLC
Part # K8AB-VS
Download  K8AB-VS Download
File Size   959.23 Kbytes
Page   10 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Single-phase Voltage Relay

K8AB-VS Datasheet (PDF)

Go To PDF Page Download Datasheet
K8AB-VS Datasheet PDF - Omron Electronics LLC

Part # K8AB-VS
Download  K8AB-VS Click to download

File Size   959.23 Kbytes
Page   10 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Single-phase Voltage Relay

K8AB-VS Datasheet (HTML) - Omron Electronics LLC


K8AB-VS Product details

Ideal for voltage monitoring for industrial facilities and equipment.

• Monitor for overvoltages or undervoltages.
• Manual resetting and automatically resetting supported by one Relay.
• One SPDT output relay, 6 A at 250 VAC (resistive load).
• Output relay can be switched between normally open and normally closed.
• Process control signal (0 to 10 V) and current splitter input supported.
• Output status can be monitored using LED indicator.
• Input frequency of 40 to 500 Hz supported.
• Inputs are isolated from the power supply.




Similar Part No. - K8AB-VS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
190Kb / 7P
Single-phase Voltage Relay
K8AB-VS1 100-115 VAC OMRON-K8AB-VS1 100-115 VAC Datasheet
190Kb / 7P
Single-phase Voltage Relay
K8AB-VS1 200-230 VAC OMRON-K8AB-VS1 200-230 VAC Datasheet
190Kb / 7P
Single-phase Voltage Relay
K8AB-VS1 24 VAC OMRON-K8AB-VS1 24 VAC Datasheet
190Kb / 7P
Single-phase Voltage Relay
K8AB-VS1 24 VDC OMRON-K8AB-VS1 24 VDC Datasheet
190Kb / 7P
Single-phase Voltage Relay
More results


Similar Description - K8AB-VS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
Single Phase Motor Starter Relay
logo
Omron Electronics LLC
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-PW OMRON-K8AB-PW Datasheet
835Kb / 10P
Three-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
Single-phase Voltage Relay
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
Single phase Power Solid State Relay
logo
Schneider Electric
RM35UB330 SCHNEIDER-RM35UB330 Datasheet
121Kb / 6P
Modular 3-phase voltage control relay
Aug 11, 2020
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com