Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM-2225 Datasheet (PDF) - Bud Industries, Inc.

CM-2225 Datasheet PDF - Bud Industries, Inc.
Part # CM-2225
Download  CM-2225 Download
File Size   68.17 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description CABLE CLIP PACKAGE

CM-2225 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM-2225 Datasheet PDF - Bud Industries, Inc.

Part # CM-2225
Download  CM-2225 Click to download

File Size   68.17 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description CABLE CLIP PACKAGE

CM-2225 Datasheet (HTML) - Bud Industries, Inc.




Similar Part No. - CM-2225

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
CM-2202 BUD-CM-2202 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
More results


Similar Description - CM-2225

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
logo
Tyco Electronics
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Advanced Power Technolo...
APT5010B2VRG ADPOW-APT5010B2VRG Datasheet
66Kb / 4P
New T-MAX??Package (Clip-mounted TO-247 Package)
logo
Molex Electronics Ltd.
1301160028 MOLEX11-1301160028 Datasheet
34Kb / 1P
Economy Box Track Flat Cable, Festoon Hanging Clip
logo
Harwin Plc
S8071-46R HARWIN-S8071-46R Datasheet
95Kb / 1P
VERTICAL SMT CABLE AND PIN CLIP
S8081-46R HARWIN-S8081-46R Datasheet
84Kb / 1P
HORIZONTAL SMT CABLE AND PIN CLIP
logo
List of Unclassifed Man...
10005 ETC-10005 Datasheet
197Kb / 1P
Mini Copper Alligator Clip Package
logo
Pepperl+Fuchs Inc.
VAZ-FK-CL1 PF-VAZ-FK-CL1 Datasheet
83Kb / 1P
Mounting clip for AS-Interface flat cable
2008-01-10
More results




About Bud Industries, Inc.


Bud Industries, Inc. is a manufacturer and supplier of electronic enclosures, cabinets, and accessories for a wide range of industries, including telecommunications, data storage, industrial automation, and military/aerospace. The company was founded in 1928 and is headquartered in Willoughby, Ohio, USA.

Bud Industries' product line includes a variety of enclosure types, such as metal and plastic boxes, rack-mount cabinets, and outdoor enclosures. These enclosures can be customized to meet specific requirements, such as size, shape, and material. The company also offers a range of accessories, such as mounting brackets, cable management systems, and ventilation fans.

In addition to its manufacturing capabilities, Bud Industries provides design and engineering services to help customers develop custom solutions for their unique needs. The company is known for its high-quality products, quick turnaround times, and exceptional customer service, and has received numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com