Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2129A Datasheet (PDF) - Princeton Technology Corp

PT2129A Datasheet PDF - Princeton Technology Corp
Part # PT2129A
Download  PT2129A Download
File Size   548.6 Kbytes
Page   6 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Fan Controller IC?

PT2129A Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2129A Datasheet PDF - Princeton Technology Corp

Part # PT2129A
Download  PT2129A Click to download

File Size   548.6 Kbytes
Page   6 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Fan Controller IC?

PT2129A Datasheet (HTML) - Princeton Technology Corp


PT2129A Product details

Description

PT2129A is a high performance electronic fan controller LSI. Speed control, on-timer, off-timer, rhythm wind, sleep mode, head swing and/or light controls are all built into a single chip. Indicator LED output, buzzer output, key control input, as well as remote control decoding circuitry are all provided to build a full function electronic fan with remote control capability having the highest performance with the least external components. Pin assignments and application circuit are optimized for easy PCB layout and cost saving for electronic fan application.





Features

High performance CMOS technology

Low power consumption

DIP or SO package(22 pin SO not available)

Up to 3 dependent/independent swing-head/light outputs

Available in 16, 18, 20, 22, 24 pin package for none, one set or two sets swing head and/or light control

Built-in remote control decoding circuitry with mask option custom code

Optional independent light control

90 seconds cycle/6 seconds per step (off step 3 seconds) rhythm wind pattern

Four operation modes: ordinary, rhythm, ordinary sleep and rhythm sleep.

Memory start-up mode

Preset start-up timer up to 15 hours

2-3 seconds middle wind start-up (mask option)




Similar Part No. - PT2129A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2120 PTC-PT2120 Datasheet
94Kb / 4P
One Hour Programmable Fan Controller
PT2120-S PTC-PT2120-S Datasheet
94Kb / 4P
One Hour Programmable Fan Controller
PT2124 PTC-PT2124 Datasheet
496Kb / 8P
FAN CONTROLLER
PT2124-C4 PTC-PT2124-C4 Datasheet
496Kb / 8P
FAN CONTROLLER
PT2124-C4-NNXI-C PTC-PT2124-C4-NNXI-C Datasheet
496Kb / 8P
FAN CONTROLLER
More results


Similar Description - PT2129A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2127A PTC-PT2127A Datasheet
372Kb / 4P
Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
Remote Fan Controller IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
REMOTE FAN CONTROL IC
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
ON Semiconductor
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
Remote Control Fan Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com