Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2211 Datasheet (PDF) - Princeton Technology Corp

PT2211 Datasheet PDF - Princeton Technology Corp
Part # PT2211
Download  PT2211 Download
File Size   120.74 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Infrared Remote Control Transmitter?

PT2211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2211 Datasheet PDF - Princeton Technology Corp

Part # PT2211
Download  PT2211 Click to download

File Size   120.74 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Infrared Remote Control Transmitter?

PT2211 Datasheet (HTML) - Princeton Technology Corp


PT2211 Product details

Description
PT2211 is a remote control transmitter utilizing CMOS Technology specially designed for use on general purpose (RC-5) infrared applications with low voltage supply and large debounce time. It is compatible with PT2210. PT2211 supports up to 32 systems. Each system has a maximum of 64 commands. Using the “EXT” Pin, 128 commands may be supported. Pin assignments and application circuit are optimized for easy PCB Layout and low cost benefits.

Features
❒ CMOS Technology
❒ Low Voltage Supply
❒ PT2211 (28 Pins) supports up to 32 Systems
❒ PT2211 (24 Pins) supports up to 8 Systems
❒ Single Pin Oscillator
❒ Bi-phase Transmission Technique
❒ Provides 4,096 Commands
❒ Custom Code Options Available

Applications
❒ Television
❒ VCR
❒ Audio Equipment
❒ Multi-Media System
❒ Personal Computer




Similar Part No. - PT2211

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22111 DATATRONICS-PT22111 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22112 DATATRONICS-PT22112 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22113 DATATRONICS-PT22113 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22114 DATATRONICS-PT22114 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22115 DATATRONICS-PT22115 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
More results


Similar Description - PT2211

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2213 PTC-PT2213 Datasheet
63Kb / 4P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com