Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260 Datasheet (PDF) - Princeton Technology Corp

PT2260 Datasheet PDF - Princeton Technology Corp
Part # PT2260
Download  PT2260 Download
File Size   118.97 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description REMOTE CONTROL ENCODER?

PT2260 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2260 Datasheet PDF - Princeton Technology Corp

Part # PT2260
Download  PT2260 Click to download

File Size   118.97 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description REMOTE CONTROL ENCODER?

PT2260 Datasheet (HTML) - Princeton Technology Corp


PT2260 Product details

DESCRIPTION

PT2260 is a remote control encoder paired with either PT2270 or PT2272 utilizing CMOS Technology. It encodes data and address pins into a serial coded waveform suitable for RF modulation. PT2260 has a maximum of 10 bits tri-state address pins providing up to 59,049 (or 3

10) address codes; thereby, drastically reducing any code collision and unauthorized code scanning possibilities. PT2260 is one of the first generation of Encoder/Decoder ICs that utilizes the unique PTC Technology. When paired with PT2270, this encoder/decoder (PT2260/PT2270) pair can operate at very wide temperature range (see Features). Thus, this very important feature enables your Encoder/Decoder to operate under the worst environmental condition.



FEATURES

• High performance CMOS technology

• Low power consumption

• Very high noise immunity

• Wide operating temperature range: -40℃~ 85℃

• 8 or 10 Tri-State code address pins

• 2 or 4 data pins

• Wider range of operating voltage: 1.8 ~ 10.0V

• Single resistor oscillator

• Least external components



APPLICATIONS

• Home/Car security system

• Garage door controller

• Remote fan controller

• Remote control toys




Similar Part No. - PT2260

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
302Kb / 16P
Remote Control Encoder
logo
Silvan Chip Electronics...
PT2260 SILVAN-PT2260 Datasheet
109Kb / 2P
remote control encoder paired
logo
Princeton Technology Co...
PT2260-D PTC-PT2260-D Datasheet
302Kb / 16P
Remote Control Encoder
PT2260-R2 PTC-PT2260-R2 Datasheet
302Kb / 16P
Remote Control Encoder
PT2260-R2S PTC-PT2260-R2S Datasheet
302Kb / 16P
Remote Control Encoder
More results


Similar Description - PT2260

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
REMOTE CONTROL ENCODER
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
Remote Control Encoder
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
Remote Control Encoder
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
Remote Control Encoder
February 20, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com