Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2308L Datasheet (PDF) - Princeton Technology Corp

PT2308L Datasheet PDF - Princeton Technology Corp
Part # PT2308L
Download  PT2308L Download
File Size   46.11 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Headphone Driver

PT2308L Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2308L Datasheet PDF - Princeton Technology Corp

Part # PT2308L
Download  PT2308L Click to download

File Size   46.11 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Headphone Driver

PT2308L Datasheet (HTML) - Princeton Technology Corp


PT2308L Product details

DESCRIPTION

PT2308L is a Class AB stereo headphone driver chip utilizing CMOS Technology specially designed for portable digital audio applications. It is housed in an 8-pin DIP or SOP package and is functionally compatible with TDA1308. Pin assignments and application circuit are optimized for lower cost effectiveness and easy PCB Layout.



FEATURES

• CMOS technology

• Low power consumption

• Wide temperature range

• Excellent power supply ripple rejection

• High signal-to-noise ratio, S/N=110dB

• Low harmonic distortion, THD= 0.001%

• Large output voltage swing

• Low supply voltage available (VDD=2V)



APPLICATIONS

• Portable digital audio

• Hi-Fi audio system

• Walkman

• CD-ROM



 




Similar Part No. - PT2308L

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308L PTC-PT2308L Datasheet
280Kb / 6P
Headphone Driver IC
PT2308L-S PTC-PT2308L-S Datasheet
280Kb / 6P
Headphone Driver IC
PT2308L PTC-PT2308L_09 Datasheet
280Kb / 6P
Headphone Driver IC
More results


Similar Description - PT2308L

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308 PTC-PT2308 Datasheet
30Kb / 3P
Headphone Driver IC
logo
Rohm
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
Headphone driver for digital audio
logo
Princeton Technology Co...
PT2309 PTC-PT2309 Datasheet
272Kb / 13P
Headphone Driver IC
PT2308 PTC-PT2308_1 Datasheet
270Kb / 6P
Headphone Driver IC
PT2308L PTC-PT2308L_09 Datasheet
280Kb / 6P
Headphone Driver IC
PT2309 PTC-PT2309_09 Datasheet
264Kb / 8P
Headphone Driver IC
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
DirectPath Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com