Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1032 Datasheet (PDF) - ON Semiconductor

ADM1032 Datasheet PDF - ON Semiconductor
Part # ADM1032
Download  ADM1032 Download
File Size   210.5 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 짹1??Remote and Local System Temperature Monitor

ADM1032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1032 Datasheet PDF - ON Semiconductor

Part # ADM1032
Download  ADM1032 Click to download

File Size   210.5 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 짹1??Remote and Local System Temperature Monitor

ADM1032 Datasheet (HTML) - ON Semiconductor


ADM1032 Product details

The ADM1032 is a dual−channel digital thermometer and under/overtemperature alarm intended for use in PCs and thermal management systems. The device can measure the temperature of a remote thermal diode, which can be located on the processor die or can be a discrete device (2N3904/06), accurate to 1°C. A novel measurement technique cancels out the absolute value of the transistor’s base emitter voltage so that no calibration is required. The ADM1032 also measures its ambient temperature.
   
Features
• On−Chip and Remote Temperature Sensing
• Offset Registers for System Calibration
• 0.125°C Resolution/1°C Accuracy on Remote Channel
• 1°C Resolution/3°C Accuracy on Local Channel
• Fast (Up to 64 Measurements Per Second)
• 2−Wire SMBus Serial Interface
• Supports SMBus Alert
• Programmable Under/Overtemperature Limits
• Programmable Fault Queue
• Overtemperature Fail−Safe THERM Output
• Programmable THERM Limits
• Programmable THERM Hysteresis
• 170 μA Operating Current
• 5.5 μA Standby Current
• 3.0 V to 5.5 V Supply
• Small 8−Lead SOIC and MSOP Packages
• These are Pb−Free Devices
   
Applications
• Desktop and Notebook Computers
• Smart Batteries
• Industrial Controllers
• Telecommunications Equipment
• Instrumentation
• Embedded Systems
   




Similar Part No. - ADM1032

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
-1C Remote and Local System Temperature Monitor
REV.0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Analog Devices
ADM1032AR AD-ADM1032AR Datasheet
167Kb / 12P
-1C Remote and Local System Temperature Monitor
REV.0
More results


Similar Description - ADM1032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC10 TI-THMC10 Datasheet
269Kb / 20P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
-1C Remote and Local System Temperature Monitor
REV.0
logo
Maxim Integrated Produc...
MAX6698 MAXIM-MAX6698 Datasheet
321Kb / 24P
7-Channel Precision Remote-Diode, Thermistor, and Local Temperature Monitor
Rev 3; 8/07
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com