Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2604 Datasheet (PDF) - Princeton Technology Corp

PT2604 Datasheet PDF - Princeton Technology Corp
Part # PT2604
Download  PT2604 Download
File Size   46.84 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Control Decoder IC

PT2604 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2604 Datasheet PDF - Princeton Technology Corp

Part # PT2604
Download  PT2604 Click to download

File Size   46.84 Kbytes
Page   2 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Control Decoder IC

PT2604 Datasheet (HTML) - Princeton Technology Corp


PT2604 Product details

DESCRIPTION

PT2604 is a tri-state remote control decoder IC utilizing CMOS Technology. It provides 10 address pins and 4 data pins. Code Format Compatible with HT604L, PT2604 is housed in 20 pins, DIP or SOP Package and supports the Latch Data Output Type. It may be paired with PT2607 to provide a powerful high performance remote control system. Pin assignments and application circuit are optimized for easy PCB Layout and cost saving advantage.



FEATURES

• CMOS technology

• Low power consumption

• Low standby current

• Operating voltage: 3 to 15V

• Provides 10 address pins & 4 data pins

• Built-in oscillator

• Latch data output type

• Least external components

• Easy to use

• Available in 20 pins, SOP or DIP

• May be paired with PT2607



APPLICATIONS

• Car/Motorcycle security system

• Home/Office security system

• Garage door remote controller

• Personal alarm system

• Cordless telephone

• Remote control for industrial use

• Remote switch



 




Similar Part No. - PT2604

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2604 PTC-PT2604 Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2604-S PTC-PT2604-S Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
More results


Similar Description - PT2604

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com