Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720 Datasheet (PDF) - Tyco Electronics

720 Datasheet PDF - Tyco Electronics
Part # 720
Download  720 Download
File Size   83.49 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description WILMAR??Protective Relays - 700 Series

720 Datasheet (PDF)

Go To PDF Page Download Datasheet
720 Datasheet PDF - Tyco Electronics

Part # 720
Download  720 Click to download

File Size   83.49 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description WILMAR??Protective Relays - 700 Series

720 Datasheet (HTML) - Tyco Electronics


720 Product details

Several types of Reverse Power Relays are available including relays sensitive to reverse reactive power (KVAR). WILMAR is the leading brand of reverse power relays. Our rugged sealed construction provides con tinuous and reliable operation unaffected by shock, vibration or other severe environments. Reverse Power Relays are used for the protection of generator sets operating in parallel.

• Line Voltage ........................ Model 710X = 120 V, 220 V or 266 V line to neutral sensing
• Line Frequency ................... 50-500 Hz.
• Current Requirements ......... 0 to 5 amp max direct or from CT with 5 amp secondary
• Trip Adjustment ................... Screwdriver adjustable 4% to 20% (of the 5 amp rating)
• Contact Ratings ................... 5 amp resistive at 120 AC or 28 Vdc
• Power Consumption ............ Voltage circuit: 2 VA max. Current circuit: 4 VA max.




Similar Part No. - 720

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
720 E-SWITCH-720 Datasheet
105Kb / 1P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
720 ETC2-720 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
720 ETC2-720 Datasheet
170Kb / 1P
Wiha Sockets
720 ETC2-720 Datasheet
96Kb / 1P
Tripod Mounting Lug
logo
Curtis Instruments, Inc...
720 CURTIS-720 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
More results


Similar Description - 720

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
250X MACOM-250X Datasheet
72Kb / 1P
WILMAR??Protective Relays - 250 Series, Over/Undervoltage
710TD MACOM-710TD Datasheet
85Kb / 1P
WILMAR??Protective Relays - 700 Series w/ Adjustable Time Delay
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1001 MACOM-1001 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
WCD MACOM-WCD Datasheet
58Kb / 1P
WILMAR Protective Relays
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com