Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6351 Datasheet (PDF) - Princeton Technology Corp

PT6351 Datasheet PDF - Princeton Technology Corp
Part # PT6351
Download  PT6351 Download
File Size   53.15 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC

PT6351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6351 Datasheet PDF - Princeton Technology Corp

Part # PT6351
Download  PT6351 Click to download

File Size   53.15 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC

PT6351 Datasheet (HTML) - Princeton Technology Corp


PT6351 Product details

DESCRIPTION
PT6351 is a Vacuum Fluorescent Display Driver IC utilizing CMOS Technology. 28 High Voltage Ports, 17 All Purpose I/O Ports, 9 LED ports, Auto Scan Operation, 4-line Serial Signal (with chip selector), 8 DGT x 8 SG to 16 DGT x 12 SG are all incorporated into a single chip to build a highly reliable peripheral device for a single chip microcomputer. It is housed in 44-pin LQFP Package and is functionally compatible with MN12510F.

FEATURES
• CMOS Technology
• 28 High Voltage Output Ports: 8 to 16 Digit Ports 8 to 16 Segment Ports
• 17 All-Purpose I/O Ports
• 9 LED Drive Capable Ports
• Display Modes: 8 DGT x 8 SG to 16 DGT x 12 SG or up to 12 DGT x 16 SG
• 32 Bytes Display Data
• Key Scan Input: 5x12 (max.)
• Display ON/OFF Control
• Auto Scan Operation
• Power ON Reset Circuit
• Supply Voltage: Digital Section: VDD = 4.5 to 5.5 V High Voltage: Vpp = VDD - 35 V
• Available in 44-pin, LQFP Package
• Functionally Compatible with MN12510F

APPLICATION
• Peripheral Device for Micro-Computer




Similar Part No. - PT6351

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
715Kb / 20P
VFD Driver/Controller IC
PT6355-LQ PTC-PT6355-LQ Datasheet
715Kb / 20P
VFD Driver/Controller IC
PT6355 PTC-PT6355_10 Datasheet
715Kb / 20P
VFD Driver/Controller IC
More results


Similar Description - PT6351

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
VFD Driver/Controller IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com