Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA19978AHV Datasheet (PDF) - NXP Semiconductors

TDA19978AHV Datasheet PDF - NXP Semiconductors
Part # TDA19978AHV
Download  TDA19978AHV Download
File Size   287.16 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)

TDA19978AHV Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA19978AHV Datasheet PDF - NXP Semiconductors

Part # TDA19978AHV
Download  TDA19978AHV Click to download

File Size   287.16 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)

TDA19978AHV Datasheet (HTML) - NXP Semiconductors


TDA19978AHV Product details

General description
The TDA19978A is a four input HDMI 1.3a compliant receiver with embedded EDID memory. The built in auto-adaptive equalizer improves signal quality and allows the use of cable lengths up to 25 m (laboratory tested with a 0.5 mm (24 AWG) cable at 2.05 gigasamples per second). The HDCP key set is stored in non-volatile One Time Programmable (OTP) memory for maximum security. In addition, the TDA19978A is delivered with software drivers to ease configuration and use.

Features and benefits
■ Complies with the HDMI 1.3a, DVI 1.0, CEA-861-D and HDCP 1.2 standards
■ Four (quad) independent HDMI inputs, up to the HDMI frequency of 205 MHz
■ Embedded auto-adaptive equalizer on all HDMI links
■ EDID memory: 253 shared bytes and three bytes dedicated to each HDMI input
■ Supports color depth processing (8-bit, 10-bit or 12-bit per color)
■ Color gamut metadata packet with interrupt on each update, readable via the I2C-bus
■ Up to four S/PDIF or I2S-bus outputs (eight channels) at a sampling rate up to 192 kHz with IEC 60958/IEC 61937 stream
■ HBR audio stream up to 768 kHz with four demultiplexed S/PDIF or I2S-bus outputs
■ HBR streams (e.g. DTS-HD master audio and Dolby TrueHD up to eight channels due to HBR packet for stream with a frame rate up to 768 kHz) support
■ DSD and DST audio stream up to six DSD channels output for SACD with DST Audio Packet support
■ Channel status decoder supports multi-channel reception
■ Improved audio clock generation using an external reference clock
■ System/master clock output (128/256/512 × fs) enables the use of the UDA1334BTS
■ The HDMI interface supports:
   ◆ All HDTV formats up to 1920 × 1080p at 50/60 Hz and WUXGA (1920 × 1200p at 60 Hz) with support for reduced blanking
   ◆ PC formats up to UXGA (1600 × 1200p at 60 Hz)
■ Embedded oscillator (an external crystal can be used)
■ Frame and field detection for interlaced video signal
■ Sync timing measurements for format recognition
■ Improved system for measurements of blanking and video active area allowing an accurate recognition of PC and TV formats
■ HDCP with repeater capability
■ Embedded non-volatile memory storage of HDCP keys
■ Programmable color space input signal conversion from RGB-to-YCbCr or YCbCr-to-RGB
■ Output formats: RGB 4:4:4, YCbCr 4:4:4, YCbCr 4:2:2 semi-planar based on the ITU-R BT.601 standard and YCbCr 4:2:2 ITU-R BT.656
■ 8-bit, 10-bit or 12-bit output formats selectable using the I2C-bus (8-bit and 10-bit only in 4:4:4 format)
■ I2C-bus adjustable timing of video port (tsu(Q) and th(Q))
■ Downsampling-by-two with selectable filters on Cb and Cr channels in 4:2:2 mode
■ Internal video and audio pattern generator
■ Controllable using the I2C-bus; 5 V tolerant and bit rate up to 400 kbit/s
■ DDC-bus inputs 5 V tolerant and bit rate up to 400 kbit/s
■ LV-TTL outputs
■ Power-down mode
■ CMOS process
■ 1.8 V and 3.3 V power supplies
■ Lead-free (Pb) HLQFP144 package

Applications
■ HDTV
■ High-End TV
■ YCbCr or RGB high-speed video digitizer
■ Home theater amplifier
■ Projector, plasma and LCD TV
■ DVD recorder
■ Rear projection TV
■ AVR and HDMI splitter




Similar Part No. - TDA19978AHV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results


Similar Description - TDA19978AHV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
Tripp Lite. All Rights ...
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com