Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8211 Datasheet (PDF) - Princeton Technology Corp

PT8211 Datasheet PDF - Princeton Technology Corp
Part # PT8211
Download  PT8211 Download
File Size   81.62 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 16 Bits Digital-To-Analog Converter IC

PT8211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT8211 Datasheet PDF - Princeton Technology Corp

Part # PT8211
Download  PT8211 Click to download

File Size   81.62 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 16 Bits Digital-To-Analog Converter IC

PT8211 Datasheet (HTML) - Princeton Technology Corp


PT8211 Product details

DESCRIPTION

PT8211 is a dual channel, 16 bit Digital-to-Analog Converter IC utilizing CMOS technology specially designed for the digital audio applications. The internal conversion architecture is based on a R-2R resister ladder network, internal circuit is wellmatched and a 16 bit dynamic range is achieved even in whole supply voltage range. PT8211 also enhanced the performance of timing responsibility in digital serial bus, in a company with the fast switching R-2R network that make 8X oversampling audio signal is also supported.

PT8211 can be supported wide range of sample frequency, it is compatible with TDA1311 by

functionally. It’s digital input timing format is Least Significant Bit Justified (LSBJ), or so called

Japanese input format. Digital code format is two’s complement and MSB first. PT8211 is available in 8-pin SOP or DIP.



FEATURES

• CMOS technology

• Support 3.3V bus input level

• Low power consumption

• Two audio channel output in the same chip

• 16 bit dynamic range

• Low total harmonic distortion

• No phase shift between both output channel

• Available in 8 pins, SOP or DIP



APPLICATIONS

• Digital audio equipment

• CD ROM/VCD

• Multimedia sound card

• MPEG decoder card




Similar Part No. - PT8211

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8211 PTC-PT8211 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211-S PTC-PT8211-S Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
PT8211L-S PTC-PT8211L-S Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
More results


Similar Description - PT8211

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8215 PTC-PT8215 Datasheet
321Kb / 3P
16 Bits Digital-To-Analog Converter IC?
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
Analog to Digital Converter 8 canali 12 bits
logo
Burr-Brown (TI)
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Unisonic Technologies
UA2311 UTC-UA2311_15 Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com