Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD249C Datasheet (PDF) - ON Semiconductor

BD249C Datasheet PDF - ON Semiconductor
Part # BD249C
Download  BD249C Download
File Size   194.79 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN High?뭁ower Transistor

BD249C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD249C Datasheet PDF - ON Semiconductor

Part # BD249C
Download  BD249C Click to download

File Size   194.79 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN High?뭁ower Transistor

BD249C Datasheet (HTML) - ON Semiconductor


BD249C Product details

NPN High−Power Transistor

NPN high−power transistors are for general−purpose power amplifier and switching applications.

Features
• ESD Ratings: Machine Model, C; > 400 V
                    Human Body Model, 3B; > 8000 V
• Epoxy Meets UL 94 V−0 @ 0.125
• Pb−Free Package is Available*




Similar Part No. - BD249C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249C MOSPEC-BD249C Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
logo
Power Innovations Ltd
BD249C POINN-BD249C Datasheet
93Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD249C BOURNS-BD249C Datasheet
109Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD249C SAVANTIC-BD249C Datasheet
145Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD249C ISC-BD249C Datasheet
134Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BD249C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com