Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT22C10 Datasheet (PDF) - ON Semiconductor

CAT22C10 Datasheet PDF - ON Semiconductor
Part # CAT22C10
Download  CAT22C10 Download
File Size   177.2 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Bit Nonvolatile CMOS Static RAM

CAT22C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT22C10 Datasheet PDF - ON Semiconductor

Part # CAT22C10
Download  CAT22C10 Click to download

File Size   177.2 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Bit Nonvolatile CMOS Static RAM

CAT22C10 Datasheet (HTML) - ON Semiconductor


CAT22C10 Product details

DESCRIPTION

The CAT22C10 NVRAM is a 256-bit nonvolatile memory organized as 64 words x 4 bits. The high speed Static RAM array is bit for bit backed up by a nonvolatile E2PROM array which allows for easy transfer of data from RAM array to E2PROM (STORE) and from E2PROM to RAM (RECALL). STORE operations are completed in 10ms max. and RECALL operations typically within 1.5µs.



FEATURES

■ Single 5V Supply

■ Fast RAM Access Times:

  –200ns

  –300ns

■ Infinite E2PROM to RAM Recall

■ CMOS and TTL Compatible I/O

■ Power Up/Down Protection

■ 100,000 Program/Erase Cycles (E2PROM)

■ Low CMOS Power Consumption:

  –Active: 40mA Max.

  –Standby: 30 µA Max.

■ JEDEC Standard Pinouts:

  –18-pin DIP

  –16-pin SOIC

■ 10 Year Data Retention

■ Commercial, Industrial and Automotive Temperature Ranges




Similar Part No. - CAT22C10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10 Datasheet
508Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
CAT22C10J-20-TE13 CATALYST-CAT22C10J-20-TE13 Datasheet
508Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
CAT22C10J-20TE13 CATALYST-CAT22C10J-20TE13 Datasheet
70Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results


Similar Description - CAT22C10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com