Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C64B Datasheet (PDF) - ON Semiconductor

CAT28C64B Datasheet PDF - ON Semiconductor
Part # CAT28C64B
Download  CAT28C64B Download
File Size   93.39 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 64K-Bit CMOS PARALLEL EEPROM

CAT28C64B Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28C64B Datasheet PDF - ON Semiconductor

Part # CAT28C64B
Download  CAT28C64B Click to download

File Size   93.39 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 64K-Bit CMOS PARALLEL EEPROM

CAT28C64B Datasheet (HTML) - ON Semiconductor


CAT28C64B Product details

DESCRIPTION
The CAT28C64B is a fast, low power, 5V-only CMOS Parallel EEPROM organized as 8K x 8-bits. It requires a simple interface for in-system programming. On-chip address and data latches, self-timed write cycle with auto-clear and VCC power up/down write protection eliminate additional timing and protection hardware. DATA Polling and Toggle status bits signal the start and end of the self-timed write cycle. Additionally, the CAT28C64B features hardware and software write protection.

FEATURES
■ Fast read access times:
   – 90/120/150ns
■ Low power CMOS dissipation:
   – Active: 25 mA max.
   – Standby: 100 µA max.
■ Simple write operation:
   – On-chip address and data latches
   – Self-timed write cycle with auto-clear
■ Fast write cycle time:
   – 5ms max.
■ CMOS and TTL compatible I/O
■ Hardware and software write protection
■ Commercial, industrial and automotive temperature ranges
■ Automatic page write operation:
   – 1 to 32 bytes in 5ms
   – Page load timer
■ End of write detection:
   – Toggle bit
   – DATA polling
■ 100,000 program/erase cycles
■ 100 year data retention




Similar Part No. - CAT28C64B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64B CATALYST-CAT28C64B Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64B CATALYST-CAT28C64B Datasheet
415Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64B ONSEMI-CAT28C64B Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Similar Description - CAT28C64B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C65B ONSEMI-CAT28C65B Datasheet
96Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com