Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37 Datasheet (PDF) - ON Semiconductor

CAT37 Datasheet PDF - ON Semiconductor
Part # CAT37
Download  CAT37 Download
File Size   149.87 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS White LED Driver Boost Converter

CAT37 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT37 Datasheet PDF - ON Semiconductor

Part # CAT37
Download  CAT37 Click to download

File Size   149.87 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS White LED Driver Boost Converter

CAT37 Datasheet (HTML) - ON Semiconductor


CAT37 Product details

Description
The CAT37 is a DC/DC step up converter that delivers a regulated output current. Operation at a constant switching frequency of 1.2 MHz allows the device to be used with very small value external inductor and ceramic capacitors.

Features
• Low Quiescent Ground Current (0.5 mA Typical)
• Power Efficiency Over 80%
• Compatible Pinout with LT1937
• Adjustable Output Current (up to 40 mA)
• High Frequency 1.2 MHz Operation
• Input Voltage Operation down to 2.5 V
• Low Resistance (0.5 ) Power Switch
• Drives up to 4 White LEDs in Series
• Shutdown Current Less than 1 μA
• Load Fault Protection Against Open−circuits
• Low Value External Components
• Low Profile (1 mm) TSOT−23 5−lead Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Color LCD and Keypad Backlighting
• Cellular Phones
• Handheld Terminals
• Digital Cameras
• PDAs/Games
• Portable MP3 Players




Similar Part No. - CAT37

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
logo
Texas Instruments
CAT37 TI-CAT37 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
Catalyst Semiconductor
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
More results


Similar Description - CAT37

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com