Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC05E5 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC05E5 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC05E5
Download  MC68HC05E5 Download
File Size   3404.87 Kbytes
Page   140 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC05E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05E5 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC05E5
Download  MC68HC05E5 Click to download

File Size   3404.87 Kbytes
Page   140 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC05E5 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC05E5 Product details

Introduction

The MC68HC05E5 is a low-cost introduction to the M68HC05 Family of microcontrollers (MCUs). The HC05 central processing unit (CPU) core has been enhanced with a 15-stage multifunctional timer and programmable phase-locked loop (PLL). The MCU is available in a 28-pin package and has two 8-bit input/output (I/O) ports and one 4-bit I/O port. The 8-Kbyte memory map includes 384 bytes of random access memory (RAM) and 5120 bytes of user read-only memory (ROM). The MC68HC705E5 serves as an erasable, programmable ROM (EPROM) based emulation device for the MC68HC05E5.



Features

Features of the MC68HC05E5 include:

• Low Cost

• HC05 Core

• 28-Pin Package

• On-Chip Oscillator (Crystal or Ceramic Resonator)

• Phase-Locked Loop (PLL) Synthesizer with Programmable Speed

• Synchronous Serial Interface (SSI) with Interrupts and Most Significant Bit (MSB) or Least Significant Bit (LSB) First

• M-Bus (I2C) Communication Port

• 5120 Bytes of User ROM (Including 16 Bytes of User Vectors)

• 384 Bytes of On-Chip RAM

• 15-Stage Multifunctional Timer with Programmable Input

• Real-Time Interrupt Circuit

• Computer Operating Properly (COP) Watchdog Timer Mask Option

• Custom Periodic Interrupt Circuit

• 20 Bidirectional I/O Lines

• Single-Chip Mode

• Self-Check Mode

• Power-Saving Stop and Wait Modes

• Edge-Only Sensitive or Edge- and Level-Sensitive Interrupt Trigger Mask Option

• STOP Instruction Disable Mask Option

• System Control and Status Register

• Illegal Address Reset



 




Similar Part No. - MC68HC05E5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05E0 MOTOROLA-MC68HC05E0 Datasheet
975Kb / 96P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05E1 NXP-MC68HC05E1 Datasheet
1Mb / 86P
There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1CP NXP-MC68HC05E1CP Datasheet
1Mb / 86P
There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1MP NXP-MC68HC05E1MP Datasheet
1Mb / 86P
There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1P NXP-MC68HC05E1P Datasheet
1Mb / 86P
There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
More results


Similar Description - MC68HC05E5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com