Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C76 Datasheet (PDF) - ON Semiconductor

CAT93C76 Datasheet PDF - ON Semiconductor
Part # CAT93C76
Download  CAT93C76 Download
File Size   166.27 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Kb Microwire Serial EEPROM

CAT93C76 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT93C76 Datasheet PDF - ON Semiconductor

Part # CAT93C76
Download  CAT93C76 Click to download

File Size   166.27 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Kb Microwire Serial EEPROM

CAT93C76 Datasheet (HTML) - ON Semiconductor


CAT93C76 Product details

Description
The CAT93C76 is an 8−Kb Serial EEPROM memory device which is configured as either registers of 16 bits (ORG pin at VCC or Not Connected) or 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin. The CAT93C76 is manufactured using ON Semiconductor’s advanced CMOS EEPROM floating gate technology. The device is designed to endure 1,000,000 program/erase cycles and has a data retention of 100 years. The device is available in 8−pin PDIP, SOIC, TSSOP and 8−pad TDFN packages.

Features
• High Speed Operation: 3 MHz @ VCC ≥ 2.5 V
• Low Power CMOS Technology
• 1.8 to 5.5 Volt Operation
• Selectable x8 or x16 Memory Organization
• Self−timed Write Cycle with Auto−clear
• Software Write Protection
• Power−up Inadvertant Write Protection
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Ranges
• Sequential Read
• “Green” Package Option Available
• This Device is Pb−Free, Halogen Free/BFR Free and RoHS Compliant




Similar Part No. - CAT93C76

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
8K-Bit Microwire Serial EEPROM
CAT93C76 CATALYST-CAT93C76 Datasheet
230Kb / 13P
8K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76 Datasheet
161Kb / 11P
8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C76 ONSEMI-CAT93C76 Datasheet
325Kb / 15P
EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
More results


Similar Description - CAT93C76

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com