Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV-875 Datasheet (PDF) - Tyco Electronics

AV-875 Datasheet PDF - Tyco Electronics
Part # AV-875
Download  AV-875 Download
File Size   32.31 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AV-875 SPST N.O.,60 Amps, 270 VDC

AV-875 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV-875 Datasheet PDF - Tyco Electronics

Part # AV-875
Download  AV-875 Click to download

File Size   32.31 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AV-875 SPST N.O.,60 Amps, 270 VDC

AV-875 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AV-875

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV-01 ETC-AV-01 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
AV-11 ETC2-AV-11 Datasheet
171Kb / 2P
OHMETRO hasta 20 MW
logo
ABB
AV-155 ABB-AV-155 Datasheet
4Mb / 80P
Electrical & mechanical fixing systems E-Klips spring steel fasteners
11/2015
logo
3M Electronics
AV-2000 3M-AV-2000 Datasheet
228Kb / 1P
3M??Scott??AV-Series Facepieces Rubber Head Harness
logo
FOTEK CONTROLS CO., LTD...
AV-24T FOTEK-AV-24T Datasheet
494Kb / 2P
Digital Meter
More results


Similar Description - AV-875

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-700ZF MACOM-A-700ZF Datasheet
77Kb / 1P
A-700ZF SPST N.O., 300 Amps, 28 VDC, Cutout Reverse Current
A-701D MACOM-A-701D Datasheet
35Kb / 1P
A-701D SPST N.O., 400 Amps, 28 VDC, Cutout Reverse Current
A-701P-3 MACOM-A-701P-3 Datasheet
60Kb / 1P
A-701P-3 SPST N.O., 500 Amps, 28 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
A-701P-I SPST N.O., 400 Amps, 28 VDC
A-751D-I MACOM-A-751D-I Datasheet
28Kb / 1P
A-751D-I SPST N.O., 150 Amps, 110 VDC
A-754JD MACOM-A-754JD Datasheet
67Kb / 1P
A-754JD SPST N.O., 150 Amps, 120 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
A-772XTB SPST N.O., 200 Amps, 28 VDC
A-791M MACOM-A-791M Datasheet
68Kb / 1P
A-791M SPST N.O., 1000 Amps, 28 VDC, Cutout Reverse Current
C-21Y MACOM-C-21Y Datasheet
48Kb / 1P
C-21Y SPST N.O., Double Break, 60 Amps,28 VDC or 115 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com