Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-461 Datasheet (PDF) - Tyco Electronics

B-461 Datasheet PDF - Tyco Electronics
Part # B-461
Download  B-461 Download
File Size   67.64 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description B-461 3PDT, Center Off, 250 Amps,120/208 VAC, 400 Hz

B-461 Datasheet (PDF)

Go To PDF Page Download Datasheet
B-461 Datasheet PDF - Tyco Electronics

Part # B-461
Download  B-461 Click to download

File Size   67.64 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description B-461 3PDT, Center Off, 250 Amps,120/208 VAC, 400 Hz

B-461 Datasheet (HTML) - Tyco Electronics




Similar Part No. - B-461

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
B-461 BRADY-B-461 Datasheet
239Kb / 1P
TLS 2200® & TLS PC Link™ Printer Ribbons
B-461 BRADY-B-461 Datasheet
278Kb / 3P
POLYESTER FILM TAPE
10/25/2021
B-461 BRADY-B-461 Datasheet
129Kb / 3P
CLEAR POLYESTER FILM TAPE
07/08/2008
B-461 BRADY-B-461_V01 Datasheet
129Kb / 3P
CLEAR POLYESTER FILM TAPE
07/08/2008
More results


Similar Description - B-461

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-393P MACOM-B-393P Datasheet
52Kb / 1P
Center Off, 200 Amps, 120/208 VAC, 50/60/400 Hz
B-124GL MACOM-B-124GL Datasheet
84Kb / 1P
B-124GL 3PDT, Center Off, 250 Amps, 208 VAC, 400 Hz
B-140AA MACOM-B-140AA Datasheet
98Kb / 1P
B-140AA 3PDT, Center Off, 60 Amps,200 VAC, 400 Hz
B-140C MACOM-B-140C Datasheet
104Kb / 1P
B-140C 3PDT, Center Off, 30 Amps, 120 VAC, 60 Hz
B-227 MACOM-B-227 Datasheet
80Kb / 1P
B-227 3PDT, Center Off, 60 Amps, 115/200 VAC, 400 Hz
B-252 MACOM-B-252 Datasheet
71Kb / 1P
B-252 3PDT, Center Off, 30 Amps,115/200 VAC, 400 Hz
B-435K-3 MACOM-B-435K-3 Datasheet
70Kb / 1P
B-435K-3 3PDT, Center Off, 140 Amps,115/200 VAC, 400 Hz
B-459 MACOM-B-459 Datasheet
84Kb / 1P
B-459 3PDT, Center Off, 250 Amps, 208 VAC, 400 Hz
BH-124AA MACOM-BH-124AA Datasheet
72Kb / 1P
BH-124AA 3PDT, Center Off, 250 Amps,115/200 VAC, 400 Hz
D-31TFA MACOM-D-31TFA Datasheet
66Kb / 1P
D-31TFA 3PDT, Center Off, 100 Amps,115/208 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com