Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND670SP Datasheet (PDF) - STMicroelectronics

VND670SP Datasheet PDF - STMicroelectronics
Part # VND670SP_08
Download  VND670SP Download
File Size   302.01 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)

VND670SP Datasheet (PDF)

Go To PDF Page Download Datasheet
VND670SP Datasheet PDF - STMicroelectronics

Part # VND670SP_08
Download  VND670SP Click to download

File Size   302.01 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)

VND670SP Datasheet (HTML) - STMicroelectronics


VND670SP Product details

Description
The VND670SP is a monolithic device made using STMicroelectronics VIPower technology M0-3, intended for driving motors in full bridge configuration. The device integrates two 30 mW Power MOSFET in high-side configuration, and provides gate drive for two external Power MOSFET used as low side switches. INA and INB allow to select clockwise or counter clockwise drive or brake; DIAGA/ENA, DIAGB/ENB allow to disable one half bridge and feedback diagnostic. Built-in thermal shutdown, combined with a current limiter, protects the chip in overtemperature and short circuit conditions. Short to battery protects the external connected low-side Power MOSFET.

Features
■ 5V logic level compatible inputs
■ Gate drive for two external power MOSFET
■ Undervoltage and overvoltage shutdown
■ Overvoltage clamp
■ Thermal shutdown
■ Cross-conduction protection
■ Current limitation
■ Very low standby power consumption
■ PWM operation up to 10 KHz
■ Protection against loss of ground and loss of VCC
■ Reverse battery protection




Similar Part No. - VND670SP_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP Datasheet
89Kb / 13P
DUAL HIGH SIDE SWITCH WITH DUAL POWER MOS GATE DRIVER BRIDGE CONFIGURATION
Jan-2003
More results


Similar Description - VND670SP_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP Datasheet
89Kb / 13P
DUAL HIGH SIDE SWITCH WITH DUAL POWER MOS GATE DRIVER BRIDGE CONFIGURATION
Jan-2003
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Linear Technology
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com