Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5126 Datasheet (PDF) - ON Semiconductor

CAT5126 Datasheet PDF - ON Semiconductor
Part # CAT5126
Download  CAT5126 Download
File Size   628.24 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description One-Time Digitally Programmable 32-Tap Potentiometer

CAT5126 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5126 Datasheet PDF - ON Semiconductor

Part # CAT5126
Download  CAT5126 Click to download

File Size   628.24 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description One-Time Digitally Programmable 32-Tap Potentiometer

CAT5126 Datasheet (HTML) - ON Semiconductor


CAT5126 Product details

DESCRIPTION
The CAT5126 is a digital programmable potentiometer. The wiper position is controlled with a simple 2-wire digital interface. This digital potentiometer is unique in that it has an optional onetime programmable feature that either sets the wiper’s position upon power-on to a user-defined value, or the wiper can be set and the interface also disabled to prevent further adjustment.

FEATURES
■ Wiper position stored after one-time nonvolatile programming
■ User-defined Power-On wiper position
■ 32-tap positions
■ Wiper position programmed through simple 2-wire serial interface
■ Low 0.35 µA (typ) static supply current
■ 2.5 V to 5.5 V single-supply operation
■ 10 kΩ, 50 kΩ, and 100 kΩ end-to-end resistances
■ 50 ppm/°C end-to-end temperature coefficient and 5 ppm/°C ratiometric temperature coefficient
■ TDFN 8-pad (2 x 3 mm) and MSOP 8-lead packages

APPLICATIONS
■ Mechanical potentiometer replacement
■ Products using one-time factory calibration
■ Contrast, brightness, volume controls
■ Programmable analog functions




Similar Part No. - CAT5126

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
237Kb / 11P
One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
248Kb / 11P
One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
237Kb / 11P
One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-00-GT3 ONSEMI-CAT5126VP2I-00-GT3 Datasheet
152Kb / 11P
One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
More results


Similar Description - CAT5126

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
32-Tap Digitally Programmable Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
One-Time Digitally Programmable 32 Tap Potentiometer
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com