Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6217 Datasheet (PDF) - ON Semiconductor

CAT6217 Datasheet PDF - ON Semiconductor
Part # CAT6217
Download  CAT6217 Download
File Size   165.08 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 150 mA CMOS LDO Regulator

CAT6217 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6217 Datasheet PDF - ON Semiconductor

Part # CAT6217
Download  CAT6217 Click to download

File Size   165.08 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 150 mA CMOS LDO Regulator

CAT6217 Datasheet (HTML) - ON Semiconductor


CAT6217 Product details

Description
The CAT6217 is a 150 mA CMOS low dropout regulator that provides fast response time during load current and line voltage changes.
The quick−start feature allows the use of an external bypass capacitor to reduce the overall output noise without affecting the turn−on time of just 150μs.
With zero shutdown current and low ground current of 55μA typical, the CAT6217 is ideal for battery−operated devices with supply voltages from 2.3 V to 5.5 V. An internal under voltage lockout circuit disables the output at supply voltages under 2.1 V typical.
The CAT6217 offers 1% initial accuracy and low dropout voltage, 90 mV typical at 150 mA. Stable operation is provided with a 1 μF ceramic capacitor, reducing required board space and component cost.
Other features include output short−circuit current limit and thermal protection.
The device is available in the low profile (1 mm max height) 5−lead TSOT−23 package.

Features
• Guaranteed 150 mA Output Current
• Low Dropout Voltage of 90 mV Typical at 150 mA
• Stable with 1μF Ceramic Output Capacitor
• External 10 nF Bypass Capacitor for Low Noise
• Quick−start Feature
• No−load Ground Current of 55 μA Typical
• Full−load Ground Current of 80 μA Typical
• ±1.0% Initial Accuracy (VOUT ≥ 2.0 V)
• ±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
• “Zero” Current Shutdown Mode
• Current Limit and Under Voltage Lockout
• Thermal Protection
• 5−lead TSOT−23 Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
   Compliant

Applications
• Cellular Phones
• Battery−powered Devices
• Consumer Electronics




Similar Part No. - CAT6217

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217 Datasheet
274Kb / 10P
150mA CMOS LDO Regulator
CAT6217-150TD-GT3 CATALYST-CAT6217-150TD-GT3 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
CAT6217-150TD-GT3 CATALYST-CAT6217-150TD-GT3 Datasheet
274Kb / 10P
150mA CMOS LDO Regulator
CAT6217-180TD-GT3 CATALYST-CAT6217-180TD-GT3 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
More results


Similar Description - CAT6217

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
150 mA CMOS LDO Regulator with Fast Start, Enable
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
High-Performance, Size Saving 150-mA CMOS LDO Regulator
20-Jun-05
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
150 mA CMOS LDO Regulators
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com