Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1230 Datasheet (PDF) - ON Semiconductor

CM1230 Datasheet PDF - ON Semiconductor
Part # CM1230
Download  CM1230 Download
File Size   325.21 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2, 4, and 8-Channel Low-Capacitance ESD Protection Array

CM1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1230 Datasheet PDF - ON Semiconductor

Part # CM1230
Download  CM1230 Click to download

File Size   325.21 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2, 4, and 8-Channel Low-Capacitance ESD Protection Array

CM1230 Datasheet (HTML) - ON Semiconductor


CM1230 Product details

Product Description
The CM1230 is a family of 2, 4 and 8 channel, very low capacitance ESD protection diode arrays in a CSP form factor. It is ideal for protecting systems with high data and clock rates or for circuits that need low capacitive loading. Each channel consists of a pair of ESD diodes that act as clamp diodes to steer ESD current pulses to either the positive or negative supply rail. A Zener diode is integrated between the positive and negative supply rails. The VCC rail is protected from ESD strikes and eliminates the need for a bypass capacitor to absorb positive ESD strikes to ground. Each channel can safely dissipate ESD strikes of ±8 kV, meeting the Level 4 requirement of the IEC61000−4−2 international standard as well as ±15 kV air discharges per the IEC61000−4−2 specification. Using the MIL−STD−883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than ±15 kV.

Features
• Two, Four, and Eight Channels of ESD Protection
• Provides ESD Protection to IEC61000−4−2 Level 4 ±8 kV Contact Discharge & ±15 kV Air Discharge
• Low Loading Capacitance of 0.8 pF Typical
• Minimal Capacitance Change with Temperature and Voltage
• Channel I/O to GND Capacitance Difference of 0.02 pF Typical is Ideal for Differential Signals
• Channel I/O to I/O Capacitance 0.15 pF Typical
• Zener Diode Protects Supply Rail and Eliminates the Need for External By−pass Capacitors
• Each I/O Pin Can Withstand Over 1000 ESD Strikes*
• Available in 4, 6 and 10 Bump Chip Scale Packages (CSP)
• OptiGuard Coated for Improved Reliability at Assembly
• These Devices are Pb−Free and are RoHS Compliant

Applications
• I/O Port Protection for Mobile Handsets, Notebook Computers, DSCs, MP3 Players, PDAs, etc. Including USB, 1394 and Serial ATA
• LCD and Camera Data Lines in Wireless Handsets that use High−speed Serial Interfaces
• Wireless Handsets
• Handheld PCs/PDAs
• LCD and Camera Modules




Similar Part No. - CM1230

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
Chicago Miniature Lamp,...
CM1230 CML-CM1230 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1230 VCC-CM1230 Datasheet
32Kb / 1P
Contact Bayonet Base
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comus International
CM1230 COMUS-CM1230 Datasheet
771Kb / 1P
Tilt Switch
More results


Similar Description - CM1230

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
2, 4 and 8-Channel Low Capacitance ESD Protection Array
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
2 Channel Low Capacitance ESD Protection DIode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
4 Channel Low Capacitance ESD Protection Diode Array
logo
ON Semiconductor
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
4-Channel Low Capacitance ESD Protection Diodes Array
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Rev 3
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com