Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705CT4FN Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC705CT4FN Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC705CT4FN
Download  MC68HC705CT4FN Download
File Size   970.46 Kbytes
Page   152 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC705CT4FN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705CT4FN Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC705CT4FN
Download  MC68HC705CT4FN Click to download

File Size   970.46 Kbytes
Page   152 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC705CT4FN Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC705CT4FN Product details

General Description

Introduction

The MC68HC705CT4 is a 44-pin member of the M68HC05 Family that supports the cordless telephone applications. The memory map includes 5136 bytes of user EPROM, 240 bytes of boot ROM, and 256 bytes of RAM. The MCU has three 8-bit input/output (I/O) ports: A, B, C; and one 7-bit I/O, port D. Port C has pullup options and keyscan capability. The MC68HC705CT4 includes a bird core, a bird timer, a synchronous serial I/O (SSI), 16-bit timer, a dual 60-MHz phase-lock loop (PLL), and an on-chip computer operating properly (COP) watchdog circuit.



Features of the MC68HC705CT4 include:

• Low Cost

• HC05 Core

• 44-Pin Plastic Leaded Chip Carrier (PLCC) Package

• 10.24-MHz On-Chip Crystal Oscillator

• 2.048-MHz Internal CPU Speed

• 5136 Bytes of User EPROM

• 240 Bytes of Boot ROM

• 256 Bytes of On-Chip RAM

• 16-Bit Timer

• 31 Bidirectional I/O Lines

• Power-Saving Stop and Wait Modes

• Core Timer

• Dual 60-MHz PLL

• Simple Serial with Bidirectional Data (SSI)

• Keyscan Interrupt with Pullups on Port C

• Mask Options:

   – COP Watchdog Timer

   – Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger

   – Port C Pullups for Keyscan

   – 1-Channel, 6-Bit Pulse Width Modulator (PWM)

• Three Comparators

• EPROM Security Feature




Similar Part No. - MC68HC705CT4FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC705CT4FN NXP-MC68HC705CT4FN Datasheet
1Mb / 152P
General Release Specification
REV. 2.0 September 16, 1997
More results


Similar Description - MC68HC705CT4FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
MC68HC05P1A FREESCALE-MC68HC05P1A Datasheet
3Mb / 124P
General Release Specification
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com