Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JJ7 Datasheet (PDF) - Freescale Semiconductor, Inc

68HC705JJ7 Datasheet PDF - Freescale Semiconductor, Inc
Part # 68HC705JJ7_1
Download  68HC705JJ7 Download
File Size   5555.64 Kbytes
Page   230 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

68HC705JJ7 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705JJ7 Datasheet PDF - Freescale Semiconductor, Inc

Part # 68HC705JJ7_1
Download  68HC705JJ7 Click to download

File Size   5555.64 Kbytes
Page   230 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

68HC705JJ7 Datasheet (HTML) - Freescale Semiconductor, Inc


68HC705JJ7 Product details

Introduction
The Motorola MC68HC705JJ7 and MC68HC705JP7 are EPROM versions of the MC68HC05JJ/JP Family of microcontrollers.

Features
• Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
• 6160 Bytes of User EPROM (Including 16 Bytes of User Vectors)
• 224 Bytes of Low-Power User RAM (4 Transistors)
• 64 Bits of Personality EPROM (Serial Access)
• 16-Bit Programmable Timer with Input Capture and Output Compare
• 15-Stage Core Timer Including 8-Bit Free-Running Counter and 4-Stage Selectable Real-Time Interrupt Generator
• Simple Serial Input/Output Port (SIOP) with Interrupt Capability
• Two Voltage Comparators, One of Which Can be Combined with the 16-Bit Programmable Timer to Create a 4-Channel, SingleSlope A/D Converter
• Output of Voltage Comparator Can Drive Port Pin PB4 Directly Under Software Control
• 14 I/O Lines (MC68HC705JJ7) or 22 I/O Lines (MC68HC705JP7) Including High-Source/Sink Current Capability on 6 I/O Pins (MC68HC705JJ7) or 14 I/O Pins (MC68HC705JP7)
• Programmable 8-Bit Mask Option Register (MOR) to Select Mask Options Found in ROM-Based Versions
• MOR Selectable Software Programmable Pulldowns on All I/O Pins and Keyboard Scan Interrupt on Four I/O Pins
• Software Mask and Request Bit for IRQ Interrupt with MOR Selectable Sensitivity on IRQ Interrupt (Edge- and Level-Sensitive or Edge-Only)
• On-Chip Oscillator with Device Option of Crystal/Ceramic Resonator or RC Operation and MOR Selectable Shunt Resistor, Approximately 2 MΩ
• Internal Oscillator for Lower-Power Operation, Approximately 100 kHz (500 kHz Selected as Device Option)
• EPROM Security Bit1 to Aid in Locking Out Access to Programmable EPROM array
• MOR Selectable (COP) Watchdog System
• Power-Saving Stop and Wait Mode Instructions (MOR Selectable STOP Conversion to Halt and Option for Fast 16-Cycle Restart, and Power-On Reset)
• On-Chip Temperature Measurement Diode
• MOR Selectable Low-Voltage Inhibit to Reset CPU in Low-Voltage Conditions
• Illegal Address Reset
• Internal Steering Diode and Pullup Device on RESET Pin to VDD




Similar Part No. - 68HC705JJ7_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC705JJ7 NXP-68HC705JJ7 Datasheet
2Mb / 230P
Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
Rev. 3.0
More results


Similar Description - 68HC705JJ7_1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com