Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1236 Datasheet (PDF) - ON Semiconductor

CM1236 Datasheet PDF - ON Semiconductor
Part # CM1236
Download  CM1236 Download
File Size   268.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection

CM1236 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1236 Datasheet PDF - ON Semiconductor

Part # CM1236
Download  CM1236 Click to download

File Size   268.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection

CM1236 Datasheet (HTML) - ON Semiconductor


CM1236 Product details

Product Description
The PicoGuard XS protection family is specifically designed for next generation deep sub-micron high speed data line protection.
The CM1236 is ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading and tightly controlled signal skews (with channel-to-channel matching at 2% max deviation).

Features
• ESD protection for 4 pairs of differential channels
• ESD protection to:
    • IEC61000-4-2 Level 4 (ESD) at ±8kV contact discharge
    • IEC61000-4-4 (EFT) 40A (5/50ns)
    • IEC61000-4-5 (Lighting) 3.5A (8/20µs)
• Pass-through impedance matched clamp architecture
• Flow-through routing for high-speed signal integrity
• Minimal line capacitance change with temperature and voltage
• 100Ω matched impedance for each paired differential channel
• Each I/O pin can withstand over 1000 ESD strikes*
• RoHS compliant (lead-free) TDFN-16 package

Applications
• DVI, DisplayPort, and HDMI ports in notebooks, set top boxes, digital TVs, and LCD displays
• General purpose high-speed data line ESD protection




Similar Part No. - CM1236

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
147Kb / 9P
ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
More results


Similar Description - CM1236

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1231 CALMIRCO-CM1231 Datasheet
253Kb / 11P
Two-Channel PicoGuard XPTM ESD Clamp Protection Array
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com