Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1240 Datasheet (PDF) - ON Semiconductor

CM1240 Datasheet PDF - ON Semiconductor
Part # CM1240
Download  CM1240 Download
File Size   79.2 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual-Voltage ESD Protection Array for USB Ports

CM1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1240 Datasheet PDF - ON Semiconductor

Part # CM1240
Download  CM1240 Click to download

File Size   79.2 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual-Voltage ESD Protection Array for USB Ports

CM1240 Datasheet (HTML) - ON Semiconductor


CM1240 Product details

Product Description

California Micro Devices’ CM1240 is a four channe ESD protection array. Three channels of the CM1240 are low voltage (LV) diodes, which have a capacitance of 7pF enabling them to protect high speed I/O ports while providing robust ESD protection. The other channel of the CM1240 is a high voltage (HV) diode which has a capacitance of 25pF enabling it to protect power supply inputs or OLED power rails, etc.



Features

• 4 channels of ESD Protection

• 8kV ESD protection (IEC 61000-4-2, contact discharge)

• 16kV ESD protection (HBM)

• SOT-563

• TDFN-8, 1.70mm x 1.35mm, 0.4mm pitch

• TDFN-8, 2mm x 2mm, 0.5mm pitch

• Lead free

• 16V clamp on Vcc



Applications

• USB and Mini-USB applications

• I/O port protection for mobile handsets

• Wireless handsets




Similar Part No. - CM1240

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1240 CALMIRCO-CM1240 Datasheet
147Kb / 6P
Dual-Voltage ESD Protection Array for USB Port
CM1240-04D4 CALMIRCO-CM1240-04D4 Datasheet
147Kb / 6P
Dual-Voltage ESD Protection Array for USB Port
CM1240-04DE CALMIRCO-CM1240-04DE Datasheet
147Kb / 6P
Dual-Voltage ESD Protection Array for USB Port
CM1240-F4SE CALMIRCO-CM1240-F4SE Datasheet
147Kb / 6P
Dual-Voltage ESD Protection Array for USB Port
More results


Similar Description - CM1240

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1240 CALMIRCO-CM1240 Datasheet
147Kb / 6P
Dual-Voltage ESD Protection Array for USB Port
logo
Leshan Radio Company
LGSOT04CLT1G LRC-LGSOT04CLT1G Datasheet
515Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT08CLT1G LRC-LGSOT08CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESOTA03C WILLAS-SESOTA03C Datasheet
270Kb / 3P
Dual Transient Voltage Suppressors Array for ESD Protection
SOTXXC WILLAS-SOTXXC Datasheet
354Kb / 4P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G_11 Datasheet
559Kb / 5P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
First Silicon Co., Ltd
FTV05CAS FS-FTV05CAS Datasheet
260Kb / 5P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
SM12L LEIDITECH-SM12L Datasheet
566Kb / 3P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com