Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705P6A Datasheet (PDF) - Freescale Semiconductor, Inc

68HC705P6A Datasheet PDF - Freescale Semiconductor, Inc
Part # 68HC705P6A
Download  68HC705P6A Download
File Size   3299.7 Kbytes
Page   134 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

68HC705P6A Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705P6A Datasheet PDF - Freescale Semiconductor, Inc

Part # 68HC705P6A
Download  68HC705P6A Click to download

File Size   3299.7 Kbytes
Page   134 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

68HC705P6A Datasheet (HTML) - Freescale Semiconductor, Inc


68HC705P6A Product details

 Introduction
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller. It is a low-cost combination of an M68HC05 Family microprocessor with a 4-channel, 8-bit analog-to-digital (A/D) converter, a 16-bit timer with output compare and input capture, a serial communications port (SIOP), and a computer operating properly (COP) watchdog timer. The HC05 CPU core contains 176 bytes of RAM, 4672 bytes of user EPROM, 239 bytes of bootloader ROM, and 21 input/output (I/O) pins (20 bidirectional, 1 input-only). This device is available in a 28-pin SOIC, PDIP, or windowed DIP package.

Features
• Low Cost
• HC05 Core
• 28-Pin SOIC, PDIP, or Windowed DIP Package
• 4672 Bytes of User EPROM (Including 48 Bytes of Page Zero EPROM and 16 Bytes of User Vectors)
• 239 Bytes of Bootloader ROM
• 176 Bytes of On-Chip RAM
• 4-Channel 8-Bit A/D Converter
• SIOP Serial Communications Port
• 16-Bit Timer with Output Compare and Input Capture
• 20 Bidirectional I/O Lines and 1 Input-Only line
• PC0 and PC1 High-Current Outputs
• Single-Chip, Bootloader, and Test Modes
• Power-Saving Stop, Halt, and Wait Modes
• Static EPROM Mask Option Register (MOR) Selectable Options:
   – COP Watchdog Timer Enable or Disable
   – Edge-Sensitive or Edge- and Level-Sensitive External Interrupt
   – SIOP Most Significant Bit (MSB) or Least Significant Bit (LSB) First
   – SIOP Clock Rates: OSC Divided by 8, 16, 32, or 64
   – Stop Instruction Mode, STOP or HALT
   – EPROM Security External Lockout
   – Programmable Keyscan (Pullups/Interrupts) on PA0–PA7




Similar Part No. - 68HC705P6A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
More results


Similar Description - 68HC705P6A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com