Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MS Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC705MC4MS Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC705MC4MS
Download  MC68HC705MC4MS Download
File Size   5355.96 Kbytes
Page   180 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC705MC4MS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705MC4MS Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC705MC4MS
Download  MC68HC705MC4MS Click to download

File Size   5355.96 Kbytes
Page   180 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC705MC4MS Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC705MC4MS Product details

Introduction
The Freescale MC68HC705MC4 microcontroller is a low-cost M68HC05 Family EPROM microcontroller intended for use in industrial motor control and power supply applications. Features include a 2-channel, 8-bit, high-speed pulse-width modulator (PWM) module (including a commutation multiplexer for brushless permanent magnet motor control), a 6-input, 8-bit analog-to-digital (A/D) controller to accommodate analog feedback signals, and a serial communications interface (SCI) to support multi-controller networking.

Features
Features of the MC68HC705MC4 are listed below. Note that all timing is based on a 3-MHz bus.
• Low-Cost, HC05 Core Running at 3-MHz Bus Speed at VDD = 5 V ± 10%
• 28-Pin Plastic Dual In-Line Package (PDIP), Small Outline Integrated Circuit (SOIC), or Windowed Ceramic Package with Low Electromagnetic Interference (EMI) Emission Pinout
• 3584 Bytes of User EPROM, Including Eight User Vectors of Two Bytes Each
• 176 Bytes of User RAM
• Dual-Channel, High-Speed PWM, Featuring:
    – 8-Bit Duty Cycle Resolution
    – Independent Prescaler Frequency Selection and Period Counters
    – Two Frequency Ranges, Eight Steps in Each: 183 Hz to 23.4 kHz 122 Hz to 15.6 kHz
    – Software Programmable PWM Polarity
    – Dual Software Controllable PWM Output Multiplexer, Each PWM to Three Input/Output (I/O)
• 8-Bit A/D Converter with Six Input Multiplexer
    – High and Low References
    – Conversion Rate = 10.7 µs
• 16-Bit Timer with Two Input Captures or One Input Capture Plus One Output Compare
    – Resolution = 1.33 µs
    – Input Capture Active Edge Software Selectable as Rising or Falling
• 15-Stage, Multi-Function Core Timer with Timer Overflow, Real-Time Interrupt, and Watchdog
• Asynchronous Serial Communications Interface (SCI)
• 22 General-Purpose I/O Lines, Some Shared with Peripheral Functions
• One 8-Bit High Source Current I/O Port
    – 10 mA/Pin
    – 20 mA Maximum/Port
    – Port A
• One High-Sink Current 10 mA Output Pin, PB7
• Mask, Request, Acknowledge, Edge and Sensitivity (Edge- and Level-Sensitive or Edge-Sensitive Only) Control/Status Bits for IRQ Interrupt
• On-Chip Oscillator for Crystal/Ceramic Resonator
• Mask Selectable Computer Operating Properly (COP) Watchdog System
• Illegal Address Reset
• Steering Diode on RESET Pin to VDD




Similar Part No. - MC68HC705MC4MS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC705MC4MS NXP-MC68HC705MC4MS Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results


Similar Description - MC68HC705MC4MS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com